Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA281A4IDBVR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # INA281A4IDBVR
Description  INA281, ??-V to 110-V, 1.3-MHz Current-Sense Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA281A4IDBVR Datasheet(HTML) 1 Page - Texas Instruments

  INA281A4IDBVR Datasheet HTML 1Page - Texas Instruments INA281A4IDBVR Datasheet HTML 2Page - Texas Instruments INA281A4IDBVR Datasheet HTML 3Page - Texas Instruments INA281A4IDBVR Datasheet HTML 4Page - Texas Instruments INA281A4IDBVR Datasheet HTML 5Page - Texas Instruments INA281A4IDBVR Datasheet HTML 6Page - Texas Instruments INA281A4IDBVR Datasheet HTML 7Page - Texas Instruments INA281A4IDBVR Datasheet HTML 8Page - Texas Instruments INA281A4IDBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
IN+
IN±
OUT
V
CM
-
+
Buffer
Current
Feedback
V
S
GND
RL
R1
R1
Bias
Load
R
SENSE
I
SENSE
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
INA281
SBOSA29 – JUNE 2020
INA281, –4-V to 110-V, 1.3-MHz Current-Sense Amplifier
1
1 Features
1
•
Wide common-mode voltage:
–
Operational voltage:
−4 V to +110 V
–
Survival voltage:
−20 V to +120 V
•
Excellent CMRR:
–
120-dB DC CMRR
–
65-dB AC CMRR at 50 kHz
•
Accuracy:
–
Gain:
–
Gain error: ±0.5% (maximum)
–
Gain drift: ±20 ppm/°C (maximum)
–
Offset:
–
Offset voltage: ±55 µV (typical)
–
Offset drift: ±0.1 µV/°C (typical)
•
Available gains:
–
INA281A1, INA281B1 : 20 V/V
–
INA281A2, INA281B2 : 50 V/V
–
INA281A3, INA281B3 : 100 V/V
–
INA281A4, INA281B4 : 200 V/V
–
INA281A5, INA281B5 : 500 V/V
•
High bandwidth: 1.3 MHz
•
Slew rate: 2.5V/µs
•
Quiescent current: 1.5 mA
2 Applications
•
Active antenna system mMIMO (AAS)
•
Macro remote radio unit (RRU)
•
48-V rack server
•
48-V merchant network & server power supply
(PSU)
•
Solenoid control
•
Valve control
•
Telecom equipment
•
Power supplies
3 Description
The
INA281
is
a
high-precision
current
sense
amplifier that can measure voltage drops across
shunt resistors over a wide common-mode range
from –4 V to 110 V. The negative common-mode
voltage allows the device to operate below ground,
thus
accommodating
precise
measurement
of
recirculating currents in half-bridge applications. The
combination of a low offset voltage, small gain error
and high DC CMRR enables highly accurate current
measurement. The INA281 is not only designed for
DC current measurement, but also for high-speed
applications (like fast overcurrent protection, for
example) with a high bandwidth of 1.3 MHz and an
65-dB AC CMRR (at 50 kHz).
The INA281 operates from a single 2.7-V to 20-V
supply, drawing 1.5 mA of supply current. The
INA281 is available with five gain options: 20 V/V, 50
V/V, 100 V/V, 200 V/V, and 500 V/V. These gain
options address wide dynamic range for current-
sensing applications.
The
INA281
is
specified
over
an
operating
temperature range of
−40 °C to +125 °C and is
offered in a space-saving SOT-23 package with two
pin-out variants.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
INA281
SOT-23 (5)
2.90 mm × 1.60 mm
(1) For all available packages, see the package option addendum
at the end of the data sheet.
Functional Block Diagram


Similar Part No. - INA281A4IDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA281A4IDBVR TI2-INA281A4IDBVR Datasheet
1Mb / 30P
INA281, –4-V to 110-V, 1.3-MHz Current-Sense Amplifier
REVISED NOVEMBER 2023
INA281A4IDBVR TI2-INA281A4IDBVR Datasheet
1Mb / 30P
INA281, –4-V to 110-V, 1.3-MHz Current-Sense Amplifier
REVISED NOVEMBER 2023
INA281A4IDBVR.B TI2-INA281A4IDBVR.B Datasheet
1Mb / 30P
INA281, –4-V to 110-V, 1.3-MHz Current-Sense Amplifier
REVISED NOVEMBER 2023
INA281A4IDBVR.B TI2-INA281A4IDBVR.B Datasheet
1Mb / 30P
INA281, –4-V to 110-V, 1.3-MHz Current-Sense Amplifier
REVISED NOVEMBER 2023
More results

Similar Description - INA281A4IDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA293 TI1-INA293 Datasheet
1Mb / 30P
INA293 –4-V to 110-V, 1-MHz, High-Precision Current Sense Amplifier
2019
INA293-Q1 TI-INA293-Q1_V01 Datasheet
1Mb / 27P
INA293-Q1, AEC-Q100, ??-V to 110-V, 1-MHz, Ultra-Precise Current Sense Amplifier
INA281-Q1 TI-INA281-Q1 Datasheet
1Mb / 25P
INA281-Q1 AEC-Q100, ??-V to 110-V, 1.3-MHz Current-Sense Amplifier
INA293-Q1 TI-INA293-Q1_V02 Datasheet
1Mb / 29P
INA293-Q1, AEC-Q100, ??-V to 110-V, 1-MHz, Ultra-Precise Current Sense Amplifier
INA296A TI-INA296A Datasheet
1Mb / 27P
INA296x ??-V to 110-V, Bidirectional, 1-MHz, 5-V/關s, Ultra-Precise Current Sense Amplifier
MARCH 2022
INA296A TI-INA296A_V01 Datasheet
1Mb / 27P
INA296x ??-V to 110-V, Bidirectional, 1-MHz, 5-V/關s, Ultra-Precise Current Sense Amplifier
MARCH 2022
INA296A TI-INA296A_V02 Datasheet
2Mb / 33P
INA296x –5 V to 110 V, Bidirectional, 1.1 MHz, 8 V/μs, Ultra-Precise Current Sense Amplifier
REVISED AUGUST 2022
INA310A TI-INA310A Datasheet
1Mb / 32P
INA310x –4 V to 110 V, 1.3 MHz, Ultra-Precise Current Sense Amplifier With Open- Drain Comparator and Reference
MARCH 2023
INA310A TI-INA310A_V01 Datasheet
1Mb / 32P
INA310x –4 V to 110 V, 1.3 MHz, Ultra-Precise Current Sense Amplifier With Open- Drain Comparator and Reference
MARCH 2023
INA296A TI1-INA296A_V03 Datasheet
2Mb / 38P
INA296x –5 V to 110 V, Bidirectional, 1.1 MHz, 8 V/μs, Ultra-Precise Current Sense Amplifier
REVISED JULY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com