Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P2084A Datasheet(PDF) 5 Page - Alliance Semiconductor Corporation

Part # P2084A
Description  Low Cost Frequency Multiplier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

P2084A Datasheet(HTML) 5 Page - Alliance Semiconductor Corporation

  P2084A Datasheet HTML 1Page - Alliance Semiconductor Corporation P2084A Datasheet HTML 2Page - Alliance Semiconductor Corporation P2084A Datasheet HTML 3Page - Alliance Semiconductor Corporation P2084A Datasheet HTML 4Page - Alliance Semiconductor Corporation P2084A Datasheet HTML 5Page - Alliance Semiconductor Corporation P2084A Datasheet HTML 6Page - Alliance Semiconductor Corporation P2084A Datasheet HTML 7Page - Alliance Semiconductor Corporation P2084A Datasheet HTML 8Page - Alliance Semiconductor Corporation P2084A Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
P2082A
October 2003
P2084A
rev 0.4
Low Cost Frequency Multiplier
5 of 9
Notice: The information in this document is subject to change without notice.
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VDD, VIN
Voltage on any pin with respect to GND
-0.5 to + 7.0
V
TSTG
Storage temperature
-65 to +125
°C
TA
Operating temperature
0 to 70
°C
DC Electrical Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
VIL
Input low voltage
GND - 0.3
0.8
V
VIH
Input high voltage
2.0
VDD +
0.3
V
IIL
Input low current (internal input pull-up resistor on FS0
and FS1)
60
µA
IIH
Input high current (internal input pull-up resistor on FS0
and FS1)
0
µA
IXOL
XOUT output low current
10
mA
IXOH
XOUT output high current
10
mA
VOL
Output low voltage (VDD = 3.3 V, IOL = 20 mA)
0.4
V
VOH
Output high voltage (VDD = 3.3 V, IOH = 20 mA)
2.5
V
IDD
Static supply current
3
mA
ICC
Typical dynamic supply current (25 pF scope probe
loading)
5.2 at 3
MHz
21.2 at
82 MHz
mA
VDD
Operating voltage
3.0
3.3
3.6
V
tON
Power-up time (CLOOP = 0.1 µF at 16 MHz, first locked
cycle after power up)
7
mS
ZOUT
Clock output impedance (at 16 MHz)
28
AC Electrical Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
fIN
Input frequency
3
78
MHz
P2082A
6
156
MHz
fOUT
P2084A
12
312
MHz
tLH 1
Output rise time (measured at 0.8 V to 2.0 V)
1
ns
tHL 1
Output fall time (measured at 2.0 V to 0.8 V)
1
ns
tJC
Jitter (cycle to cycle)
±200
ps
tD
Output duty cycle
45
50
55
%
1 t
LH and tHL are measured into a capacitive load of 15 pF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com