Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA281A5IDBVT Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # INA281A5IDBVT
Description  INA281, ??-V to 110-V, 1.3-MHz Current-Sense Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA281A5IDBVT Datasheet(HTML) 17 Page - Texas Instruments

Back Button INA281A5IDBVT Datasheet HTML 13Page - Texas Instruments INA281A5IDBVT Datasheet HTML 14Page - Texas Instruments INA281A5IDBVT Datasheet HTML 15Page - Texas Instruments INA281A5IDBVT Datasheet HTML 16Page - Texas Instruments INA281A5IDBVT Datasheet HTML 17Page - Texas Instruments INA281A5IDBVT Datasheet HTML 18Page - Texas Instruments INA281A5IDBVT Datasheet HTML 19Page - Texas Instruments INA281A5IDBVT Datasheet HTML 20Page - Texas Instruments INA281A5IDBVT Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
0
10
20
30
40
0
2
4
6
Time (50 ms/div)
VCM
VOUT
17
INA281
www.ti.com
SBOSA29 – JUNE 2020
Product Folder Links: INA281
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
8.2.2 Detailed Design Procedure
The INA281 is designed to measure current in a typical solenoid application. The INA281 measures current
across the 50-mΩ shunt that is placed at the output of the half-bridge. The INA281 measures the differential
voltage across the shunt resistor, and the signal is internally amplified with a gain of 50 V/V. The output of the
INA281 is connected to the analog-to-digital converter (ADC) of an MCU to digitize the current measurements.
Solenoid loads are highly inductive and are often prone to failure. Solenoids are often used for position control,
precise fluid control, and fluid regulation. Measuring real-time current on the solenoid continuously can indicate
premature failure of the solenoid which can lead to a faulty control loop in the system. Measuring high-side
current also indicates if there are any ground faults on the solenoid or the FETs that can be damaged in an
application. The INA281, with high bandwidth and slew rate, can be used to detect fast overcurrent conditions to
prevent the solenoid damage from short-to-ground faults.
8.2.2.1 Overload Recovery With Negative VSENSE
The INA281 is a unidirectional current-sense amplifier that is meant to operate with a positive differential input
voltage (VSENSE). If negative VSENSE is applied, the device is placed in an overload condition and requires time to
recover once VSENSE returns positive. The required overload recovery time increases with more negative VSENSE.
8.2.3 Application Curve
Figure 31 shows the output response of a solenoid.
Figure 31. Solenoid Control Current Response
9 Power Supply Recommendations
The INA281 power supply can be 5 V, whereas the input common-mode voltage can vary between –4 V to 110
V. The output voltage range of the OUT pin, however, is limited by the voltage on the power-supply pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com