Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA281B1IDBVT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # INA281B1IDBVT
Description  INA281, ??-V to 110-V, 1.3-MHz Current-Sense Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA281B1IDBVT Datasheet(HTML) 11 Page - Texas Instruments

Back Button INA281B1IDBVT Datasheet HTML 7Page - Texas Instruments INA281B1IDBVT Datasheet HTML 8Page - Texas Instruments INA281B1IDBVT Datasheet HTML 9Page - Texas Instruments INA281B1IDBVT Datasheet HTML 10Page - Texas Instruments INA281B1IDBVT Datasheet HTML 11Page - Texas Instruments INA281B1IDBVT Datasheet HTML 12Page - Texas Instruments INA281B1IDBVT Datasheet HTML 13Page - Texas Instruments INA281B1IDBVT Datasheet HTML 14Page - Texas Instruments INA281B1IDBVT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
IN+
IN±
OUT
-
+
Buffer
Current
Feedback
VS
GND
RL
R1
R1
Bias
Load
RSENSE
ISENSE
Load
Supply
11
INA281
www.ti.com
SBOSA29 – JUNE 2020
Product Folder Links: INA281
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The INA281 is a high- or low-side current-sense amplifier that offers a wide common-mode range, precision zero-
drift topology, excellent common-mode rejection ratio (CMRR), high bandwidth, and fast slew rate. Different gain
versions are available to optimize the output dynamic range based on the application. The INA281 is designed
using a transconductance architecture with a current-feedback amplifier that enables low bias currents of 20 µA
with a common-mode voltage of 110 V.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Amplifier Input Common-Mode Signal
The INA281 supports large input common-mode voltages from –4 V to +110 V. Because of the internal topology,
the common-mode range is not restricted by the power-supply voltage (VS). This allows for the INA281 to be
used for both low- and high-side current-sensing applications.
7.3.1.1 Input-Signal Bandwidth
The INA281 –3-dB bandwidth is gain-dependent, with several gain options of 20 V/V, 50 V/V, 100 V/V, 200 V/V,
and 500 V/V. The unique multistage design enables the amplifier to achieve high bandwidth at all gains. This
high bandwidth provides the throughput and fast response that is required for the rapid detection and processing
of overcurrent events.
The bandwidth of the device also depends on the applied VSENSE voltage. Figure 27 shows the bandwidth
performance profile of the device over frequency as output voltage increases for each gain variation. As shown in
Figure 27, the device exhibits the highest bandwidth with higher VSENSE voltages, and the bandwidth is higher
with lower device gain options. Individual requirements determine the acceptable limits of error for high-
frequency, current-sensing applications. Testing and evaluation in the end application or circuit is required to
determine the acceptance criteria and validate whether or not the performance levels meet the system
specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com