Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM1834AS-T Datasheet(PDF) 1 Page - Alliance Semiconductor Corporation

Part # ASM1834AS-T
Description  Dual 5V and 3.3V uP Power Supply Supervisor with Manual Reset
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM1834AS-T Datasheet(HTML) 1 Page - Alliance Semiconductor Corporation

  ASM1834AS-T Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM1834AS-T Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM1834AS-T Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM1834AS-T Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM1834AS-T Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM1834AS-T Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM1834AS-T Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM1834AS-T Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM1834AS-T Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
ASM1834/A/D
Alliance Semiconductor
2575 Augustine Drive . Santa Clara, CA 95054 . Tel: 408.855.4900 . Fax: 408.855.4999 . www.alsc.com
Notice: The information in this document is subject to change without notice
rev 1.3
Dual 5V and 3.3V µP Power Supply Supervisor with Manual Reset
April 2005
General Description
The ASM1834 supervisors simultaneously monitor both 3.3V
and 5V power sources and generate reset signals when either
supply is out of tolerance. When an out-of-tolerance condition is
detected, the output-reset signal of the affected supply
becomes active and resets the system microprocessor/
microcontroller. On power-up and after the supply voltage
returns to an in-tolerance condition, the reset signal remains
active for approximately 350ms. This allows the power supply
and system microprocessor to stabilize.
Tolerance levels are independently selectable for both supplies.
Tolerance options are 5% and 10% percent for the 5V supply
and 10% and 20% percent for the 3.3V supply.
The ASM1834 and ASM1834D have push-pull reset output
stages. The ASM1834A reset outputs are open drain devices
that can both be connected to either 5V or 3.3V supply. The
ASM1834 and ASM1834A have active LOW reset outputs. The
ASM1834D has active HIGH reset outputs.
All devices can generate reset signals through an internally
debounced pushbutton reset input that affects both reset
outputs.
All devices operate over the extended industrial temperature
range. Devices are available in 8-pin DIP, surface mount 8-pin
SO and 8-Pin MicroSO packages. Die are also available.
Key Features
•
Monitors 5V and 3.3V supplies simultaneously
•
5V and 3.3V power-on reset
•
350ms reset time
•
Debounced pushbutton reset input
•
Push-pull CMOS output
• ASM1834, ASM1834D
• Eliminates external pull-up resistors
• Active LOW (ASM1834), HIGH (ASM1834D)
•
Open Drain Output
• ASM1834A
• Active LOW
•
Selectable 5V and 3.3V trip point tolerance
•
Internal power drawn from highest input voltage, 5V or
3.3V
•
Precision temperature-compensated voltage reference and
comparator
•
Low cost surface mount SO, compact MicroSO and DIP
packages.
•
Wide operating temperature, -40°C to +85°C
Applications
•
Microprocessors
•
PDAs, Hand-held PCs
•
Embedded Controllers
•
Telecommunication Systems
•
Power Supplies
•
Wireless / Cellular Systems
•
Networking Hardware
Typical Operating Circuit
+5V
3.3V
5VIN
RESET
PBRST
5VTOL
GND
3.3VTOL
3.3VIN
RESET
GND
µP
3.3V
5V
ASM1834


Similar Part No. - ASM1834AS-T

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
ASM1834AS PULSECORE-ASM1834AS Datasheet
265Kb / 10P
Dual 5V and 3.3V 關P Power Supply Supervisor with Manual Reset
logo
ON Semiconductor
ASM1834AS ONSEMI-ASM1834AS Datasheet
176Kb / 11P
Power Supply Supervisor
August, 2011 ??Rev. 3
logo
PulseCore Semiconductor
ASM1834ASF PULSECORE-ASM1834ASF Datasheet
265Kb / 10P
Dual 5V and 3.3V 關P Power Supply Supervisor with Manual Reset
logo
ON Semiconductor
ASM1834ASF ONSEMI-ASM1834ASF Datasheet
176Kb / 11P
Power Supply Supervisor
August, 2011 ??Rev. 3
More results

Similar Description - ASM1834AS-T

ManufacturerPart #DatasheetDescription
logo
IMP, Inc
IMP1834 IMP-IMP1834 Datasheet
245Kb / 8P
Dual 5V and 3.3V uP Power Supply Supervisors w/Manual Reset
logo
Alliance Semiconductor ...
ASM1232LP ALSC-ASM1232LP Datasheet
276Kb / 10P
5V uP Power Supply Monitor and Reset Circuit
logo
Catalyst Semiconductor
CAT1232LP CATALYST-CAT1232LP_06 Datasheet
179Kb / 12P
5V and 3.3V Supply Monitor, Watchdog Timer, Manual Reset, with Active High & Low Resets
logo
Intersil Corporation
ISL88705 INTERSIL-ISL88705_06 Datasheet
470Kb / 14P
uP Supervisor with Watchdog Timer, Power-Fail Comparator, Manual Reset and Adjustable Power-On Reset
December 6, 2006
logo
Catalyst Semiconductor
CAT1232 CATALYST-CAT1232 Datasheet
944Kb / 12P
5V and 3.3V Supply Monitor, Watchdog Timer, Manual Reset, with Active High & Low Resets
logo
PulseCore Semiconductor
ASM1834 PULSECORE-ASM1834 Datasheet
265Kb / 10P
Dual 5V and 3.3V 關P Power Supply Supervisor with Manual Reset
logo
Intersil Corporation
ISL88705 INTERSIL-ISL88705 Datasheet
485Kb / 15P
uP Supervisor with Watchdog Timer, Power-Fail Comparator, Manual Reset and Adjustable Power-On Reset
January 12, 2009
logo
Union Semiconductor, In...
UM706 UNIONSEMI-UM706 Datasheet
558Kb / 15P
Supply Voltage Supervisor w/Watchdog Input and Manual Reset
UM706LS UNIONSEMI-UM706LS_15 Datasheet
593Kb / 17P
Supply Voltage Supervisor w/Watchdog Input and Manual Reset
logo
Microchip Technology
MIC826 MICROCHIP-MIC826 Datasheet
1Mb / 22P
Voltage Supervisor with Watchdog Timer, Manual Reset, and Dual Outputs
Rev.A. April 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com