Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM1834AF-T Datasheet(PDF) 6 Page - Alliance Semiconductor Corporation

Part # ASM1834AF-T
Description  Dual 5V and 3.3V uP Power Supply Supervisor with Manual Reset
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM1834AF-T Datasheet(HTML) 6 Page - Alliance Semiconductor Corporation

Back Button ASM1834AF-T Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM1834AF-T Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM1834AF-T Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM1834AF-T Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM1834AF-T Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM1834AF-T Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM1834AF-T Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM1834AF-T Datasheet HTML 9Page - Alliance Semiconductor Corporation ASM1834AF-T Datasheet HTML 10Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
ASM1834/A/D
6 of 10
Notice: The information in this document is subject to change without notice
Dual 5V and 3.3V µP Power Supply Supervisor with Manual Reset
rev 1.3
April 2005
Absolute Maximum Ratings
Recommended DC Operating Conditions
Recommended DC operating condition over the operating temperature range of -40°C to +85°C. All voltages are referenced to
ground.
Parameter
Min
Max
Unit
Voltage on VCC
-0.5
7
V
Voltage on 5V RESET
-0.5
+5VIN + 0.5V
V
Voltage on 3.3V RESET
-0.5
+3.3VIN + 0.5V
V
Voltage on PBRST and reset outputs
-0.5
(+5VIN + 0.5V) or (+3.3VIN + 0.5V)
whichever is greater
V
Operating Temperature Range
-40
+85
°C
Soldering Temperature (for 10 sec)
-
260
°C
Storage Temperature
-55
+125
°C
ESD rating
HBM
MM
2
200
KV
V
Note:
1. Voltages are measured with respect to ground
2. These are stress ratings only and functional implication is not implied. Exposure to absolute maximum
ratings for extended periods may affect device reliability.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
5V Supply Voltage
5VIN
1.2
5.5
V
3.3V Supply Voltage
3.3VIN
1.2
5.5
V
PBRST Input High Level
VIH
Both 3.3VIN and 5VIN >=2.7V
2
VINMAX + 0.3
V
PBRST Input High Level
VIH
Both 3.3VIN and 5VIN <=2.7V
VINMAX - 0.4
V
PBRST Input Low Level
VIL
-0.3
0.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com