Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTMFS006N08MC Datasheet(PDF) 2 Page - ON Semiconductor

Part # NTMFS006N08MC
Description  MOSFET - Power, Single N-Channel, PQFN8 80 V, 32 A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMFS006N08MC Datasheet(HTML) 2 Page - ON Semiconductor

  NTMFS006N08MC Datasheet HTML 1Page - ON Semiconductor NTMFS006N08MC Datasheet HTML 2Page - ON Semiconductor NTMFS006N08MC Datasheet HTML 3Page - ON Semiconductor NTMFS006N08MC Datasheet HTML 4Page - ON Semiconductor NTMFS006N08MC Datasheet HTML 5Page - ON Semiconductor NTMFS006N08MC Datasheet HTML 6Page - ON Semiconductor NTMFS006N08MC Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
NTMFS006N08MC
www.onsemi.com
2
THERMAL RESISTANCE MAXIMUM RATINGS
Parameter
Symbol
Value
Unit
Junction−to−Case – Steady State
RqJC
1.61
°C/W
Junction−to−Ambient – Steady State (Note 4)
RqJA
50
Junction−to−Ambient – Steady State (Note 5)
RqJA
125
4. Surface−mounted on FR4 board using 1 in2 pad, 2 oz Cu pad.
5. Surface−mounted on FR4 board using minimum pad size, 2 oz Cu pad.
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise specified)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = 250 mA
80
V
Drain−to−Source Breakdown Voltage
Temperature Coefficient
V(BR)DSS/
TJ
ID = 250 mA. ref to 25°C
96.6
mV/°C
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V,
VDS = 64 V
TJ = 25°C
1.0
mA
TJ = 125°C
100
Gate−to−Source Leakage Current
IGSS
VDS = 0 V, VGS = 20 V
100
nA
ON CHARACTERISTICS (Note 6)
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250 mA
2.0
4.0
V
Threshold Temperature Coefficient
VGS(TH)/TJ
ID = 200 mA. ref to 25°C
−5
mV/°C
Drain−to−Source On Resistance
RDS(on)
VGS = 10 V
ID = 32 A
4.9
6.0
mW
Drain−to−Source On Resistance
RDS(on)
VGS = 6 V
ID = 16 A
10.2
17
mW
Gate Resistance
RG
TA = 25°C
0.3
W
CHARGES AND CAPACITANCES
Input Capacitance
CISS
VGS = 0 V, VDS = 40 V, f = 1 MHz
2300
pF
Output Capacitance
COSS
710
Reverse Transfer Capacitance
CRSS
31
Total Gate Charge
QG(TOT)
VGS = 10 V, VDS = 40 V; ID = 32 A
30
nC
Threshold Gate Charge
QG(TH)
3.3
Gate−to−Source Charge
QGS
10
Gate−to−Drain Charge
QGD
6.0
SWITCHING CHARACTERISTICS (Note 7)
Turn−On Delay Time
td(ON)
VGS = 10 V, VDS = 15 V,
ID = 32 A, RG = 2.5 W
13
ns
Rise Time
tr
4
Turn−Off Delay Time
td(OFF)
18
Fall Time
tf
4
DRAIN−SOURCE DIODE CHARACTERISTICS
Forward Diode Voltage
VSD
VGS = 0 V,
IS = 32 A
TJ = 25°C
0.84
1.2
V
TJ = 125°C
0.78
Reverse Recovery Time
tRR
VGS = 0 V, dIS/dt = 100 A/ms,
IS = 32 A
49.58
ns
Reverse Recovery Charge
QRR
51.4
nC
6. Pulse Test: pulse width v 300 ms, duty cycle v 2%.
7. Switching characteristics are independent of operating junction temperatures.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com