Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSA950Y Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CSA950Y
Description  PNP SILICON PLANAR EPITAXIAL TRANSISTOR Audio Power Amplifier Application
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSA950Y Datasheet(HTML) 1 Page - Continental Device India Limited

  CSA950Y Datasheet HTML 1Page - Continental Device India Limited CSA950Y Datasheet HTML 2Page - Continental Device India Limited CSA950Y Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PNP SILICON PLANAR EPITAXIAL TRANSISTOR
CSA950
TO-92
Plastic Package
Complementary CSC2120
Audio Power Amplifier Application.
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
VALUE
UNIT
Collector Emitter Voltage
VCEO
30
V
Collector Base Voltage
VCBO
35
V
Emitter Base Voltage
VEBO
5
V
Collector Current
IC
800
mA
Emitter Current
IE
800
mA
Collector Power Dissipation
PC
600
mW
Operating And Storage Junction
Tj, Tstg
ºC
Temperature Range
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL TEST CONDITION
MIN
TYP
MAX
UNIT
Collector Emitter Voltage
V(BR)CEO IC=10mA,IB=0
30
V
Collector Cut off Current
ICBO
VCB=35V, IE = 0
0.1
µA
Emitter Cut off Current
IEBO
VEB=5V, IC = 0
0.1
µA
DC Current Gain
hFE (1)
VCE=1V,IC=100mA
100
320
hFE (2)
VCE=1V,IC=700mA
35
Collector Emitter Saturation Voltage
VCE(sat)* IC=500mA,IB=20mA
CSA950
0.7
V
CSC2120
0.5
V
Base Emitter On Voltage
VBE (on) V
CE = 5V, IC= 10mA
0.5
0.8
V
Transition Frequency
fT
IC=10mA, VCE=5V
120
MHz
Collector Output Capacitance
Cob
VCB=10V, IE=0
CSA950
f=1MHz
19
pF
CSC2120
13
pF
CLASSIFICATION hFE (1)
O : 100-200
Y : 160-320
*Pulse Condition: Width < 300
µµs, Duty Cycle < 2%.
-55 to +150
E C
B
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS16949 and ISO 9001 Certified Company


Similar Part No. - CSA950Y

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
CSA950 RECTRON-CSA950 Datasheet
50Kb / 2P
PNP Planar Epitaxial Transistor
More results

Similar Description - CSA950Y

ManufacturerPart #DatasheetDescription
logo
NEC
2SB1475 NEC-2SB1475 Datasheet
261Kb / 4P
PNP SILICON EPITAXIAL TRANSISTOR AUDIO FREQUENCY AMPLIFIER
logo
Sanken electric
2SA1295 SANKEN-2SA1295 Datasheet
24Kb / 1P
Silicon PNP Epitaxial Planar Transistor(Audio and General)
logo
KEC(Korea Electronics)
MMBTA55 KEC-MMBTA55 Datasheet
114Kb / 1P
EPITAXIAL PLANAR PNP TRANSISTOR (AUDIO FREQUENCY AMPLIFIER)
MMBTA56 KEC-MMBTA56 Datasheet
110Kb / 1P
EPITAXIAL PLANAR PNP TRANSISTOR (AUDIO FREQUENCY AMPLIFIER)
MPSA55 KEC-MPSA55 Datasheet
58Kb / 1P
EPITAXIAL PLANAR PNP TRANSISTOR (AUDIO FREQUENCY AMPLIFIER)
MPSA56 KEC-MPSA56 Datasheet
57Kb / 1P
EPITAXIAL PLANAR PNP TRANSISTOR (AUDIO FREQUENCY AMPLIFIER)
logo
AUK corp
2SA1981 AUK-2SA1981 Datasheet
85Kb / 3P
PNP Silicon Transistor (Audio power amplifier application)
2SA1981S AUK-2SA1981S Datasheet
83Kb / 3P
PNP Silicon Transistor (Audio power amplifier application)
2SA1981SF AUK-2SA1981SF Datasheet
82Kb / 3P
PNP Silicon Transistor (Audio power amplifier application)
logo
Toshiba Semiconductor
2SB1429 TOSHIBA-2SB1429 Datasheet
111Kb / 2P
TRANSISTOR SILICON PNP EPITAXIAL TYPE POWER AMPLIFIER APPLICATION
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com