Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M62023P Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # M62023P
Description  SYSTEM RESET IC WITH SWITCH FOR MEMORY BACK-UP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M62023P Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  M62023P Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M62023P Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M62023P Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M62023P Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MITSUBISHI <Dig./Ana.INTERFACE>
SYSTEM RESET IC WITH SWITCH FOR MEMORY BACK-UP
M62023L,P,FP
1997.5.30- rev
(
/
)
PRELIMINARY
PRELIMINARY
Notice:This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
VBAT
Com
1.24V
3
R1
R2
7
5
VIN
RES
RES
MCU
or
CPU
+3V
(MAIN POWER SUPPLY)
VDD
CIN
GND
RESET
CIRCUIT
SW
DELAY
CIRCUIT
6
M62023
D1
1
8
4
2
VOUT
VBAT
CS
Ct
VDD
BATTERY
3V
CMOS
RAM
COUT
Ct
EXPLANATION OF TERMINALS
VIN and VBAT are controlled by means of an internal switch and output through
VOUT.
The pin is capable of outputting up to 100 mA. Use it as VDD of CMOS RAM
and the like.
Backup power supply is connected to this pin.
If a lithium battery is used, insert a resistor in series for safety purposes.
+3V input pin. Connect to a logic power supply.
A delay capacitor is connected to this pin. By connecting a capacitor, it is
possible to delay each output.
Connect to the positive reset input of a microcontroller. The pin is capable of
flowing 1mA sink current.
Reference for all signals
Connect to the negative reset input of a microcontroller. The pin is capable of
flowing 1mA sink current.
Connect to the chip select of RAM. The CS output is at low level in normal state
thereby letting RAM be active. Under failure or backup condition, the CS
output is set to high level, then RAM enters standby state disabling read/write
function. The pin is capable of flowing a 1mA sink current.
Power supply output
Backup power supply
input
Pin No.
Name
Function
VIN
Power supply input
Delay capacitor
connection pin
Positive reset output
Ground
Negative reset output
Chip select output
1
2
3
4
5
6
7
8
Symbol
VOUT
Ct
RES
GND
CS
RES
APPLICATION EXAMPLE
Capacitance to be connected: CIN: 10µF; COUT: 4.7µF; Ct: 4.7µF
3
4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com