Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDTC143XK Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PDTC143XK
Description  NPN resistor-equipped transistors; R1 = 4.7 kW, R2 = 10 kW
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDTC143XK Datasheet(HTML) 5 Page - NXP Semiconductors

  PDTC143XK Datasheet HTML 1Page - NXP Semiconductors PDTC143XK Datasheet HTML 2Page - NXP Semiconductors PDTC143XK Datasheet HTML 3Page - NXP Semiconductors PDTC143XK Datasheet HTML 4Page - NXP Semiconductors PDTC143XK Datasheet HTML 5Page - NXP Semiconductors PDTC143XK Datasheet HTML 6Page - NXP Semiconductors PDTC143XK Datasheet HTML 7Page - NXP Semiconductors PDTC143XK Datasheet HTML 8Page - NXP Semiconductors PDTC143XK Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
PDTC143X_SER_9
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 09 — 26 July 2005
5 of 12
Philips Semiconductors
PDTC143X series
NPN resistor-equipped transistors; R1 = 4.7 k
Ω, R2 = 10 kΩ
6.
Thermal characteristics
[1]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[2]
Reflow soldering is the only recommended soldering method.
[3]
Device mounted on an FR4 PCB with 60
µm copper strip line, standard footprint.
7.
Characteristics
Table 7:
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-a)
thermal resistance from
junction to ambient
in free air
SOT416
[1] -
-
833
K/W
SOT490
[1] [2] -
-
500
K/W
SOT346
[1] -
-
500
K/W
SOT883
[2] [3] -
-
500
K/W
SOT54
[1] -
-
250
K/W
SOT23
[1] -
-
500
K/W
SOT323
[1] -
-
625
K/W
Table 8:
Characteristics
Tamb =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ICBO
collector-base cut-off
current
VCB =50V; IE = 0 A
-
-
100
nA
ICEO
collector-emitter
cut-off current
VCE =30V; IB =0A
-
-
1
µA
VCE =30V; IB =0A;
Tj = 150 °C
--
50
µA
IEBO
emitter-base cut-off
current
VEB =5V; IC = 0 A
-
-
600
µA
hFE
DC current gain
VCE =5V; IC =10mA
50
-
-
VCEsat
collector-emitter
saturation voltage
IC = 10 mA; IB = 0.5 mA
-
-
100
mV
VI(off)
off-state input voltage
VCE =5V; IC = 100 µA
-
-
0.3
V
VI(on)
on-state input voltage
VCE = 300 mV; IC =20mA
2.5
-
-
V
R1
bias resistor 1 (input)
3.3
4.7
6.1
k
Ω
R2/R1
bias resistor ratio
1.7
2.1
2.6
Cc
collector capacitance
VCB =10V; IE =ie =0A;
f=1MHz
-
-
2.5
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com