Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT54C Datasheet(PDF) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # BAT54C
Description  Schottky Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

BAT54C Datasheet(HTML) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  BAT54C Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD BAT54C Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD BAT54C Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BAT54/A/C/S
SOT-23
2 / 3
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
Typical Characteristics
0
5
10
15
20
25
30
0
4
8
12
16
20
0
25
50
75
100
125
150
0
50
100
150
200
250
300
0
200
400
600
800
1000
0.01
0.1
1
10
100
1000
0
5
10
15
20
25
30
0.01
0.1
1
10
100
Ta=25 ℃
f=1MHz
Capacitance Characteristics
REVERSE VOLTAGE
V
R
(V)
Power Derating Curve
AMBIENT TEMPERATURE
T
a
(
)
℃
Forward
Characteristics
FORWARD VOLTAGE
V
F
(mV)
Reverse
Characteristics
Ta=100
oC
Ta=25
oC
REVERSE VOLTAGE
V
R
(V)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com