Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFS520 Datasheet(PDF) 5 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # BFS520
Description  NPN Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

BFS520 Datasheet(HTML) 5 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  BFS520 Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD BFS520 Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD BFS520 Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD BFS520 Datasheet HTML 4Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD BFS520 Datasheet HTML 5Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD BFS520 Datasheet HTML 6Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD BFS520 Datasheet HTML 7Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
BFS520 SOT-323
5 / 7
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
■
Typical Characterisitics
Fig.12 Noise circle.
IC = 5 mA; VCE = 6 V;
f = 2 GHz; Zo = 50 Ω.
0
0.2
0.6
0.4
0.8
1.0
1.0
5
2
1
0.5
0.2
0
0.2
0.5
1
2
5
0.2
0.5
1
2
5
180°
−
135°
−
90°
−
45°
0°
45°
90°
135°
ΓMS
Gmax = 9.1 dB
G = 7 dB
G = 8 dB
G = 8,5 dB
ΓOPT
Fmin = 1. 9 dB
F = 3 dB
F = 2.5 dB
F = 2 dB
Fig.13 Common emitter input reflection coefficient (S11).
IC = 20 mA; VCE = 6 V;
Zo = 50 Ω.
handbook, full pagewidth
0
0.2
0.6
0.4
0.8
1.0
1.0
5
2
1
0.5
0.2
0
0.2
0.5
1
2
5
0.2
0.5
1
2
5
180°
−
135°
−
90°
−
45°
0°
45°
90°
135°
3 GHz
40 MHz
Fig.14 Common emitter forward transmission coefficient (S21).
IC = 20 mA; VCE = 6 V.
50
40
30
20
10
180°
−
135°
−
90°
−
45°
0°
45°
90°
135°
3 GHz
40 MHz



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com