Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXT5401 Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # CXT5401
Description  Surface Mount PNP Silicon Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

CXT5401 Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  CXT5401 Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD CXT5401 Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD CXT5401 Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CXT5401 SOT-89
1 / 3
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
Features
High current (max. 500mA).
Low voltage (max. 150 V).
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector to base breakdown voltage
VCBO
IC=-100
A
-160
V
Collector to emitter breakdown voltage
VCEO
IC=-1.0mA
-150
V
Emitter to base breakdown voltage
VEBO
IE=-10
A
-5.0
V
VCB =- 120 V, IE =0
-50
nA
VCB =- 120 V, TA=100
-50
A
IC =-1.0mA; VCE = -5.0 V
50
IC = -10mA; VCE =- 5.0V
60
240
IC =-50 mA;VCE = -5.0V
50
IC =- 10 mA; IB = -1.0mA
-0.2
V
IC =-50 mA;IB = -5.0mA
-0.5
V
IC =-10 mA;IB = -1.0mA
-1.0
V
IC =-50 mA;IB =- 5.0mA
-1.0
V
Output capacitance
Cob
VCB =-10 V, IE = 0,f=1.0MHz
6.0
pF
Transition frequency
fT
IC =-10 mA;VCE =-10V; f = 100 MHz
100
300
MHz
ICBO
Collector cutoff current
VCE(sat)
Collector to emitter saturation voltage
Base to emitter saturation voltage
VBE(sat)
hFE
DC current gain
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
-160
V
Collector-emitter voltage
VCEO
-150
V
Emitter-base voltage
VEBO
-5
V
Collector current (DC)
IC
-500
mA
power dissipation
PD
1.2
W
thermal resistance Junction- to-ambient
R JA
104
/W
Junction temperature
Tj
150
Storage temperature
Tstg
-65to+150
1
2
3
■
Simplified outline(SOT-89)
1.Base
2.Collector
3.Emitter
Surface Mount PNP Silicon Transistor


Similar Part No. - CXT5401

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CXT5401 CENTRAL-CXT5401 Datasheet
100Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
logo
Micro Commercial Compon...
CXT5401 MCC-CXT5401 Datasheet
398Kb / 3P
PNP Plastic-Encapsulate Transistors
logo
Shenzhen Jin Yu Semicon...
CXT5401 HTSEMI-CXT5401 Datasheet
613Kb / 2P
TRANSISTOR (PNP)
logo
GUANGDONG HOTTECH INDUS...
CXT5401 HOTTECH-CXT5401 Datasheet
306Kb / 2P
Plastic-Encapsulate Transistors
logo
Galaxy Semi-Conductor H...
CXT5401 BILIN-CXT5401 Datasheet
167Kb / 3P
Surface Mount PNP Silicon Transistor
More results

Similar Description - CXT5401

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
BCW61B CENTRAL-BCW61B Datasheet
125Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
CMLT591E CENTRAL-CMLT591E_10 Datasheet
511Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
CMPT2907A CENTRAL-CMPT2907A_10 Datasheet
328Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
CMPT5401 CENTRAL-CMPT5401_10 Datasheet
329Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
BC856 CENTRAL-BC856_10 Datasheet
331Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
BCW67 CENTRAL-BCW67 Datasheet
328Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
BCX71 CENTRAL-BCX71 Datasheet
329Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
CMPT7410 CENTRAL-CMPT7410_15 Datasheet
393Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
CMPT4209 CENTRAL-CMPT4209 Datasheet
330Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
CXT5401 BILIN-CXT5401 Datasheet
167Kb / 3P
Surface Mount PNP Silicon Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com