Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASP00886IRGCT Datasheet(PDF) 53 Page - Texas Instruments

Click here to check the latest version.
Part # ASP00886IRGCT
Description  MSP430F552x, MSP430F551x Mixed-Signal Microcontrollers
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ASP00886IRGCT Datasheet(HTML) 53 Page - Texas Instruments

Back Button ASP00886IRGCT Datasheet HTML 49Page - Texas Instruments ASP00886IRGCT Datasheet HTML 50Page - Texas Instruments ASP00886IRGCT Datasheet HTML 51Page - Texas Instruments ASP00886IRGCT Datasheet HTML 52Page - Texas Instruments ASP00886IRGCT Datasheet HTML 53Page - Texas Instruments ASP00886IRGCT Datasheet HTML 54Page - Texas Instruments ASP00886IRGCT Datasheet HTML 55Page - Texas Instruments ASP00886IRGCT Datasheet HTML 56Page - Texas Instruments ASP00886IRGCT Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 139 page
background image
9 Detailed Description
9.1 CPU
The MSP430 CPU has a 16-bit RISC architecture that is highly transparent to the application. All operations,
other than program-flow instructions, are performed as register operations in conjunction with seven addressing
modes for source operand and four addressing modes for destination operand.
The CPU is integrated with 16 registers that provide reduced instruction execution time. The register-to-register
operation execution time is one cycle of the CPU clock.
Four of the registers, R0 to R3, are dedicated as program counter, stack pointer, status register, and constant
generator, respectively. The remaining registers are general-purpose registers (see Figure 9-1).
Peripherals are connected to the CPU using data, address, and control buses. The peripherals can be managed
with all instructions.
The instruction set consists of the original 51 instructions with three formats and seven address modes and
additional instructions for the expanded address range. Each instruction can operate on word and byte data.
Program Counter
PC/R0
Stack Pointer
SP/R1
Status Register
SR/CG1/R2
Constant Generator
CG2/R3
General-Purpose Register
R4
General-Purpose Register
R5
General-Purpose Register
R6
General-Purpose Register
R7
General-Purpose Register
R8
General-Purpose Register
R9
General-Purpose Register
R10
General-Purpose Register
R11
General-Purpose Register
R12
General-Purpose Register
R13
General-Purpose Register
R15
General-Purpose Register
R14
Figure 9-1. Integrated CPU Registers
www.ti.com
MSP430F5529, MSP430F5528, MSP430F5527, MSP430F5526, MSP430F5525, MSP430F5524,
MSP430F5522, MSP430F5521, MSP430F5519, MSP430F5517, MSP430F5515, MSP430F5514,
MSP430F5513
SLAS590P – MARCH 2009 – REVISED SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
53
Product Folder Links: MSP430F5529 MSP430F5528 MSP430F5527 MSP430F5526 MSP430F5525
MSP430F5524 MSP430F5522 MSP430F5521 MSP430F5519 MSP430F5517 MSP430F5515 MSP430F5514
MSP430F5513



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com