Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F6433IPZ Datasheet(PDF) 47 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F6433IPZ
Description  MSP430F643x Mixed-Signal Microcontrollers
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F6433IPZ Datasheet(HTML) 47 Page - Texas Instruments

Back Button MSP430F6433IPZ Datasheet HTML 43Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 44Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 45Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 46Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 47Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 48Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 49Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 50Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 128 page
background image
8.44 REF, Built-In Reference
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)(1)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX UNIT
VREF+
Positive built-in
reference voltage output
REFVSEL = {2} for 2.5 V,
REFON = REFOUT = 1 , IVREF+ = 0 A
3 V
2.5
±1%
V
REFVSEL = {1} for 2 V,
REFON = REFOUT = 1, IVREF+ = 0 A
3 V
2.0
±1%
REFVSEL = {0} for 1.5 V,
REFON = REFOUT = 1, IVREF+ = 0 A
2.2 V, 3 V
1.5
±1%
AVCC(min)
AVCC minimum voltage,
Positive built-in
reference active
REFVSEL = {0} for 1.5 V
2.2
V
REFVSEL = {1} for 2 V
2.3
REFVSEL = {2} for 2.5 V
2.8
IREF+
Operating supply current
into AVCC terminal (2) (7)
ADC12SR = 1(8), REFON = 1, REFOUT = 0,
REFBURST = 0
3 V
70
100
µA
ADC12SR = 1(8), REFON = 1, REFOUT = 1,
REFBURST = 0
0.45
0.75
mA
ADC12SR = 0(8), REFON = 1, REFOUT = 0,
REFBURST = 0
210
310
µA
ADC12SR = 0(8), REFON = 1, REFOUT = 1,
REFBURST = 0
0.95
1.7
mA
IL(VREF+)
Load-current regulation,
VREF+ terminal(3)
REFVSEL = {0, 1, 2},
IVREF+ = +10 µA , –1000 µA,
AVCC = AVCC(min) for each reference level,
REFVSEL = {0, 1, 2}, REFON = REFOUT = 1
1500
2500 µV/mA
CVREF+
Capacitance at VREF+
terminal
REFON = REFOUT = 1(6),
0 mA ≤ IVREF+ ≤ IVREF+(max)
2.2 V, 3 V
20
100
pF
TCREF+
Temperature coefficient
of built-in reference(4)
IVREF+ is a constant in the range
of 0 mA ≤ IVREF+ ≤ –1 mA
REFOUT = 0
2.2 V, 3 V
20
ppm/
°C
TCREF+
Temperature coefficient
of built-in reference(4)
IVREF+ is a constant in the range
of 0 mA ≤ IVREF+ ≤ –1 mA
REFOUT = 1
2.2 V, 3 V
20
50
ppm/
°C
PSRR_DC
Power supply rejection
ratio (DC)
AVCC = AVCC(min) to AVCC(max),
TA = 25°C, REFVSEL = {0, 1, 2}, REFON = 1,
REFOUT = 0 or 1
120
300
µV/V
PSRR_AC
Power supply rejection
ratio (AC)
AVCC = AVCC(min) to AVCC(max),
TA = 25°C, REFVSEL = {0, 1, 2}, REFON = 1,
REFOUT = 0 or 1
1
mV/V
tSETTLE
Settling time of reference
voltage(5)
AVCC = AVCC(min) to AVCC(max),
REFVSEL = {0, 1, 2}, REFOUT = 0,
REFON = 0 → 1
75
µs
AVCC = AVCC(min) to AVCC(max),
CVREF = CVREF(max), REFVSEL = {0, 1, 2},
REFOUT = 1, REFON = 0 → 1
75
(1)
The reference is supplied to the ADC by the REF module and is buffered locally inside the ADC. The ADC uses two internal buffers,
one smaller and one larger for driving the VREF+ terminal. When REFOUT = 1, the reference is available at the VREF+ terminal, as well
as, used as the reference for the conversion and uses the larger buffer. When REFOUT = 0, the reference is only used as the
reference for the conversion and uses the smaller buffer.
(2)
The internal reference current is supplied by the AVCC terminal. Consumption is independent of the ADC12ON control bit, unless a
conversion is active. REFOUT = 0 represents the current contribution of the smaller buffer. REFOUT = 1 represents the current
contribution of the larger buffer without external load.
(3)
Contribution only due to the reference and buffer including package. This does not include resistance due to PCB traces or other
external factors.
(4)
Calculated using the box method: (MAX(–40°C to +85°C) – MIN(–40°C to +85°C)) / MIN(–40°C to +85°C)/(85°C – (–40°C)).
(5)
The condition is that the error in a conversion started after tREFON is less than ±0.5 LSB. The settling time depends on the external
capacitive load when REFOUT = 1.
(6)
Connect two decoupling capacitors, 10 µF and 100 nF, to VREF to decouple the dynamic current required for an external reference
source if it is used for the ADC12_A. Also see the MSP430F5xx and MSP430F6xx Family User's Guide.
www.ti.com
MSP430F6438, MSP430F6436, MSP430F6435, MSP430F6433
SLAS720F – AUGUST 2010 – REVISED SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
47
Product Folder Links: MSP430F6438 MSP430F6436 MSP430F6435 MSP430F6433



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com