Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F5630IPZ Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5630IPZ
Description  MSP430F563x Mixed-Signal Microcontrollers
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F5630IPZ Datasheet(HTML) 21 Page - Texas Instruments

Back Button MSP430F5630IPZ Datasheet HTML 17Page - Texas Instruments MSP430F5630IPZ Datasheet HTML 18Page - Texas Instruments MSP430F5630IPZ Datasheet HTML 19Page - Texas Instruments MSP430F5630IPZ Datasheet HTML 20Page - Texas Instruments MSP430F5630IPZ Datasheet HTML 21Page - Texas Instruments MSP430F5630IPZ Datasheet HTML 22Page - Texas Instruments MSP430F5630IPZ Datasheet HTML 23Page - Texas Instruments MSP430F5630IPZ Datasheet HTML 24Page - Texas Instruments MSP430F5630IPZ Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 127 page
background image
8.4 Active Mode Supply Current Into VCC Excluding External Current
over recommended operating free-air temperature (unless otherwise noted)(1) (2) (3)
PARAMETER
EXECUTION
MEMORY
VCC
PMMCOREVx
FREQUENCY (fDCO = fMCLK = fSMCLK)
UNIT
1 MHz
8 MHz
12 MHz
20 MHz
TYP
MAX
TYP
MAX
TYP
MAX
TYP
MAX
IAM, Flash
Flash
3 V
0
0.32
0.36
2.1
2.4
mA
1
0.36
2.4
3.6
4.0
2
0.37
2.5
3.8
3
0.39
2.7
4.0
6.6
IAM, RAM
RAM
3 V
0
0.18
0.21
1.0
1.2
mA
1
0.20
1.2
1.7
1.9
2
0.22
1.3
2.0
3
0.23
1.4
2.1
3.6
(1)
All inputs are tied to 0 V or to VCC. Outputs do not source or sink any current.
(2)
The currents are characterized with a Micro Crystal MS1V-T1K crystal with a load capacitance of 12.5 pF. The internal and external
load capacitance are chosen to closely match the required 12.5 pF.
(3)
Characterized with program executing typical data processing. USB disabled (VUSBEN = 0, SLDOEN = 0).
fACLK = 32786 Hz, fDCO = fMCLK = fSMCLK at specified frequency.
XTS = CPUOFF = SCG0 = SCG1 = OSCOFF = SMCLKOFF = 0.
8.5 Low-Power Mode Supply Currents (Into VCC) Excluding External Current
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)(1) (2)
PARAMETER
VCC
PMMCOREVx
TEMPERATURE (TA)
UNIT
–40°C
25°C
60°C
85°C
TYP
MAX
TYP
MAX
TYP
MAX
TYP
MAX
ILPM0,1MHz Low-power mode 0(3) (9)
2.2 V
0
71
75
87
81
85
99
µA
3 V
3
78
83
98
89
94
108
ILPM2
Low-power mode 2(4) (9)
2.2 V
0
6.3
6.7
9.9
9.0
11
16
µA
3 V
3
6.6
7.0
11
10
12
18
ILPM3,XT1LF
Low-power mode 3,
crystal mode(5) (9)
2.2 V
0
1.6
1.8
2.4
4.7
6.5
10.5
µA
1
1.6
1.9
4.8
6.6
2
1.7
2.0
4.9
6.7
3 V
0
1.9
2.1
2.7
5.0
6.8
10.8
1
1.9
2.1
5.1
7.0
2
2.0
2.2
5.2
7.1
3
2.0
2.2
2.9
5.4
7.3
12.6
ILPM3,
VLO,WDT
Low-power mode 3,
VLO mode, Watchdog
enabled(6) (9)
3 V
0
0.9
1.2
1.9
4.0
5.9
10.3
µA
1
0.9
1.2
4.1
6.0
2
1.0
1.3
4.2
6.1
3
1.0
1.3
2.2
4.3
6.3
11.3
ILPM4
Low-power mode 4(7) (9)
3 V
0
0.9
1.1
1.8
3.9
5.8
10
µA
1
0.9
1.1
4.0
5.9
2
1.0
1.2
4.1
6.1
3
1.0
1.2
2.1
4.2
6.2
11
ILPM3.5,
RTC,VCC
Low-power mode 3.5
(LPM3.5) current with
active RTC into primary
supply pin DVCC (10)
3 V
0.5
0.8
1.4
µA
www.ti.com
MSP430F5638, MSP430F5637, MSP430F5636, MSP430F5635
MSP430F5634, MSP430F5633, MSP430F5632, MSP430F5631, MSP430F5630
SLAS650G – MAY 2010 – REVISED SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: MSP430F5638 MSP430F5637 MSP430F5636 MSP430F5635 MSP430F5634
MSP430F5633 MSP430F5632 MSP430F5631 MSP430F5630



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com