Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F5632IPZ Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5632IPZ
Description  MSP430F563x Mixed-Signal Microcontrollers
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F5632IPZ Datasheet(HTML) 49 Page - Texas Instruments

Back Button MSP430F5632IPZ Datasheet HTML 45Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 46Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 47Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 48Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 49Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 50Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 51Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 52Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 127 page
background image
8.45 12-Bit DAC, Reference Input Specifications
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX UNIT
VeREF+
Reference input voltage
range
DAC12IR = 0(1) (2)
2.2 V, 3 V
AVCC / 3 AVCC + 0.2
V
DAC12IR = 1(3) (4)
AVCC AVCC + 0.2
Ri(VREF+),
Ri(VeREF+)
Reference input resistance
DAC12_0 IR = DAC12_1 IR = 0
2.2 V, 3 V
20
MΩ
DAC12_0 IR = 1, DAC12_1 IR = 0
48
kΩ
DAC12_0 IR = 0, DAC12_1 IR = 1
48
DAC12_0 IR = DAC12_1 IR = 1,
DAC12_0 SREFx = DAC12_1 SREFx(5)
24
(1)
For a full-scale output, the reference input voltage can be as high as 1/3 of the maximum output voltage swing (AVCC).
(2)
The maximum voltage applied at reference input voltage terminal VeREF+ = (AVCC – VE(O)) / (3 × (1 + EG)).
(3)
For a full-scale output, the reference input voltage can be as high as the maximum output voltage swing (AVCC).
(4)
The maximum voltage applied at reference input voltage terminal VeREF+ = (AVCC – VE(O)) / (1 + EG).
(5)
When DAC12IR = 1 and DAC12SREFx = 0 or 1 for both channels, the reference input resistive dividers for each DAC are in parallel
reducing the reference input resistance.
8.46 12-Bit DAC, Dynamic Specifications
VREF = VCC, DAC12IR = 1 (see Figure 8-19 and Figure 8-20), over recommended ranges of supply voltage and
operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX UNIT
tON
DAC12 on time
DAC12_xDAT = 800h,
ErrorV(O) < ±0.5 LSB(1)
(see Figure 8-19)
DAC12AMPx = 0 → {2, 3, 4}
2.2 V, 3 V
60
120
µs
DAC12AMPx = 0 → {5, 6}
15
30
DAC12AMPx = 0 → 7
6
12
tS(FS)
Settling time, full scale
DAC12_xDAT =
80h → F7Fh → 80h
DAC12AMPx = 2
2.2 V, 3 V
100
200
µs
DAC12AMPx = 3, 5
40
80
DAC12AMPx = 4, 6, 7
15
30
tS(C-C)
Settling time, code to
code
DAC12_xDAT =
3F8h → 408h → 3F8h,
BF8h → C08h → BF8h
DAC12AMPx = 2
2.2 V, 3 V
5
µs
DAC12AMPx = 3, 5
2
DAC12AMPx = 4, 6, 7
1
SR
Slew rate
DAC12_xDAT =
80h → F7Fh → 80h(2)
DAC12AMPx = 2
2.2 V, 3 V
0.05
0.35
V/µs
DAC12AMPx = 3, 5
0.35
1.10
DAC12AMPx = 4, 6, 7
1.50
5.20
Glitch energy
DAC12_xDAT =
800h → 7FFh → 800h
DAC12AMPx = 7
2.2 V, 3 V
35
nV-s
(1)
RLoad and CLoad connected to AVSS (not AVCC/2) in Figure 8-19.
(2)
Slew rate applies to output voltage steps ≥ 200 mV.
R
= 3 k
Load
W
AV
CC
C
= 100 pF
Load
2
DAC Output
R
O/P(DAC12.x)
I
Load
Conversion 1
Conversion 2
V
OUT
Conversion 3
Glitch
Energy
±1/2 LSB
±1/2 LSB
t
settleLH
t
settleHL
Figure 8-19. Settling Time and Glitch Energy Testing
www.ti.com
MSP430F5638, MSP430F5637, MSP430F5636, MSP430F5635
MSP430F5634, MSP430F5633, MSP430F5632, MSP430F5631, MSP430F5630
SLAS650G – MAY 2010 – REVISED SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
49
Product Folder Links: MSP430F5638 MSP430F5637 MSP430F5636 MSP430F5635 MSP430F5634
MSP430F5633 MSP430F5632 MSP430F5631 MSP430F5630



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com