Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F6632IPZ Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F6632IPZ
Description  MSP430F663x Mixed-Signal Microcontrollers
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F6632IPZ Datasheet(HTML) 13 Page - Texas Instruments

Back Button MSP430F6632IPZ Datasheet HTML 9Page - Texas Instruments MSP430F6632IPZ Datasheet HTML 10Page - Texas Instruments MSP430F6632IPZ Datasheet HTML 11Page - Texas Instruments MSP430F6632IPZ Datasheet HTML 12Page - Texas Instruments MSP430F6632IPZ Datasheet HTML 13Page - Texas Instruments MSP430F6632IPZ Datasheet HTML 14Page - Texas Instruments MSP430F6632IPZ Datasheet HTML 15Page - Texas Instruments MSP430F6632IPZ Datasheet HTML 16Page - Texas Instruments MSP430F6632IPZ Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 133 page
background image
7.2 Signal Descriptions
Table 7-1 describes the signals for all device variants and packages.
Table 7-1. Signal Descriptions
TERMINAL
I/O(1)
DESCRIPTION
NAME
NO.(4)
PZ
ZCA,
ZQW
P6.4/CB4/A4
1
A1
I/O
General-purpose digital I/O
Comparator_B input CB4
Analog input A4 – ADC (not available on F6632, F6631, and F6630 devices)
P6.5/CB5/A5
2
B2
I/O
General-purpose digital I/O
Comparator_B input CB5
Analog input A5 – ADC (not available on F6632, F6631, and F6630 devices)
P6.6/CB6/A6/DAC0
3
B1
I/O
General-purpose digital I/O
Comparator_B input CB6
Analog input A6 – ADC (not available on F6632, F6631, and F6630 devices)
DAC12.0 output (not available on F6635, F6634, F6633, F6632, F6631, and F6630
devices)
P6.7/CB7/A7/DAC1
4
C2
I/O
General-purpose digital I/O
Comparator_B input CB7
Analog input A7 – ADC (not available on F6632, F6631, and F6630 devices)
DAC12.1 output (not available on F6635, F6634, F6633, F6632, F6631, and F6630
devices)
P7.4/CB8/A12
5
C1
I/O
General-purpose digital I/O
Comparator_B input CB8
Analog input A12 –ADC (not available on F6632, F6631, and F6630 devices)
P7.5/CB9/A13
6
C3
I/O
General-purpose digital I/O
Comparator_B input CB9
Analog input A13 – ADC (not available on F6632, F6631, and F6630 devices)
P7.6/CB10/A14/DAC0
7
D2
I/O
General-purpose digital I/O
Comparator_B input CB10
Analog input A14 – ADC (not available on F6632, F6631, and F6630 devices)
DAC12.0 output (not available on F6635, F6634, F6633, F6632, F6631, and F6630
devices)
P7.7/CB11/A15/DAC1
8
D1
I/O
General-purpose digital I/O
Comparator_B input CB11
Analog input A15 – ADC (not available on F6632, F6631, and F6630 devices)
DAC12.1 output (not available on F6635, F6634, F6633, F6632, F6631, and F6630
devices)
P5.0/VREF+/VeREF+
9
D4
I/O
General-purpose digital I/O
Output of reference voltage to the ADC
Input for an external reference voltage to the ADC
P5.1/VREF-/VeREF-
10
E4
I/O
General-purpose digital I/O
Negative terminal for the reference voltage of the ADC for both sources, the
internal reference voltage, or an external applied reference voltage
www.ti.com
MSP430F6638, MSP430F6637, MSP430F6636, MSP430F6635, MSP430F6634
MSP430F6633, MSP430F6632, MSP430F6631, MSP430F6630
SLAS566G – JUNE 2010 – REVISED SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: MSP430F6638 MSP430F6637 MSP430F6636 MSP430F6635 MSP430F6634
MSP430F6633 MSP430F6632 MSP430F6631 MSP430F6630



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com