Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74HCS166 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HCS166
Description  SN74HCS166 8-Bit Parallel-Load Shift Registers with Schmitt-Trigger Inputs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HCS166 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74HCS166 Datasheet HTML 2Page - Texas Instruments SN74HCS166 Datasheet HTML 3Page - Texas Instruments SN74HCS166 Datasheet HTML 4Page - Texas Instruments SN74HCS166 Datasheet HTML 5Page - Texas Instruments SN74HCS166 Datasheet HTML 6Page - Texas Instruments SN74HCS166 Datasheet HTML 7Page - Texas Instruments SN74HCS166 Datasheet HTML 8Page - Texas Instruments SN74HCS166 Datasheet HTML 9Page - Texas Instruments SN74HCS166 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
CL = 50 pF; over operating free-air temperature range (unless otherwise noted). See Parameter Measurement
Information.
PARAMETER
VCC
Operating free-air temperature (TA)
UNIT
25°C
–40°C to 125°C
MIN
MAX
MIN
MAX
tsu
Setup time
SH/LD low before CLK↑
2 V
11
18
ns
4.5 V
4
6
6 V
4
6
SER before CLK↑
2 V
8
14
4.5 V
4
6
6 V
4
6
CLK INH low before CLK↑
2 V
4
6
4.5 V
2
3
6 V
2
3
Data before CLK↑
2 V
8
14
4.5 V
4
5
6 V
4
5
CLR inactive before CLK↑
2 V
14
22
4.5 V
5
8
6 V
5
8
th
Hold time
SH/LD high after CLK↑
2 V
0
0
ns
4.5 V
0
0
6 V
0
0
SER after CLK↑
2 V
1
1
4.5 V
1
1
6 V
1
1
CLK INH high after CLK↑
2 V
0
0
4.5 V
0
0
6 V
0
0
Data after CLK↑
2 V
1
1
4.5 V
1
1
6 V
1
1
6.7 Switching Characteristics
CL = 50 pF; over operating free-air temperature range (unless otherwise noted). See Parameter Measurement
Information.
PARAMETER
FROM
TO
VCC
Operating free-air temperature (TA)
UNIT
25°C
–40°C to 125°C
MIN
TYP
MAX
MIN
TYP
MAX
fmax
Max switching frequency
2 V
70
45
MHz
4.5 V
210
140
6 V
220
155
tpd
Propagation delay
CLK
QH
2 V
24
40
ns
4.5 V
9
15
6 V
8
12
tPHL
Propagation delay
CLR
QH
2 V
40
60
ns
4.5 V
14
21
6 V
11
18
SN74HCS166
SCLS843 – AUGUST 2020
www.ti.com
6
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: SN74HCS166



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com