Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTP-3C Datasheet(PDF) 2 Page - Contec Co., Ltd

Part # DTP-3C
Description  General Purpose Terminal
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONTEC [Contec Co., Ltd]
Direct Link  https://www.contec.com/
Logo CONTEC - Contec Co., Ltd

DTP-3C Datasheet(HTML) 2 Page - Contec Co., Ltd

  DTP-3C Datasheet HTML 1Page - Contec Co., Ltd DTP-3C Datasheet HTML 2Page - Contec Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ver.1.00
DTP-3C
2
Connector
No.
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
Terminal
No.
N.C.
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
Connector
No.
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
Terminal
No.
N.C.
N.C.
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
This product is a successor of the previous model DTP-3A.
So you can use the same operating procedures as DTP-3A.
The differences on the specification are as follows :
DTP-3C
DTP-3A
Terminal type
DT-25-B01W-20
[mfd. by DINKLE] equivalent
ML-40S1BYF-20P
[mfd by Sato Parts] equivalent
Height of rubber
foot
7.2mm
5.0mm
Wiring Diagram
Difference point with DTP-3A



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com