Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SII141 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SII141
Description  SiI 141B PanelLink Digital Receiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SII141 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SII141 Datasheet HTML 1Page - List of Unclassifed Manufacturers SII141 Datasheet HTML 2Page - List of Unclassifed Manufacturers SII141 Datasheet HTML 3Page - List of Unclassifed Manufacturers SII141 Datasheet HTML 4Page - List of Unclassifed Manufacturers SII141 Datasheet HTML 5Page - List of Unclassifed Manufacturers SII141 Datasheet HTML 6Page - List of Unclassifed Manufacturers SII141 Datasheet HTML 7Page - List of Unclassifed Manufacturers SII141 Datasheet HTML 8Page - List of Unclassifed Manufacturers SII141 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
SiI 141B
SiI-DS-0037-C
Silicon Image, Inc.
2
Subject to Change without Notice
Functional Block Diagram
Absolute Maximum Conditions
Note:
Permanent device damage may occur if absolute maximum conditions are exceeded.
Functional operation should be restricted to the conditions described under Normal Operating Conditions.
Symbol
Parameter
Min
Typ
Max
Units
VCC
Supply Voltage 3.3V
-0.3
4.0
V
VI
Input Voltage
-0.3
VCC+ 0.3
V
VO
Output Voltage
-0.3
VCC+ 0.3
V
TA
Ambient Temperature (with power applied)
-25
105
°C
TSTG
Storage Temperature
-65
150
°C
θJA
Thermal Resistance (Junction to Ambient)
45
°C /W
Normal Operating Conditions
Symbol
Parameter
Min
Typ
Max
Units
VCC
Supply Voltage
3.0
3.3
3.6
V
VCCN
Supply Voltage Noise
100
mVP-P
TA
Ambient Temperature (with power applied)
0
25
70
°C
DC Digital I/O Specifications
Under normal operating conditions unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIH
High-level Input Voltage
2
V
VIL
Low-level Input Voltage
0.8
V
VOH
High-level Output Voltage
2.4
V
VOL
Low-level Output Voltage
0.4
V
VCINL
Input Clamp Voltage
1
ICL = -18mA
GND -0.8
V
VCIPL
Input Clamp Voltage
1
ICL = 18mA
IVCC + 0.8
V
VCONL
Output Clamp Voltage
1
ICL = -18mA
GND -0.8
V
VCOPL
Output Clamp Voltage
1
ICL = 18mA
OVCC + 0.8
V
IIL
Input Leakage Current
-10
10
µA
Note:
1 Guaranteed by design. Voltage undershoot or overshoot cannot exceed absolute maximum conditions
for a pulse of greater than 3 ns or one third of the clock cycle.
INTER-
CHANNEL
SYNC.
DECODER
CLT3
CLT2
DE2
CLT1
PLL_SYNC
DE1
VSYNC
HSYNC
DE0
8
8
8
VCR
EXT_RES
PANEL
INTER-
FACE
LOGIC
Q[35:0/23:0]
ODCK
DE
HSYNC
VSYNC
CLT1
CLT2
CLT3
RX2+
RX2-
RX1+
RX1-
RX0+
RX0-
RXC+
RXC-
PIXS
OCK_INV
PLL
24/36
VCR
VCR
VCR
DFO
ST
SCDT
PDO
DATA
RECOVERY
CH2
DATA
RECOVERY
CH0
DATA
RECOVERY
CH1
HSYNC_DEJTR
Termination
Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com