Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6V76T-EST Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP6V76T-EST
Description  170 關A, 2 MHz Zero-Drift Op Amps
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V76T-EST Datasheet(HTML) 5 Page - Microchip Technology

  MCP6V76T-EST Datasheet HTML 1Page - Microchip Technology MCP6V76T-EST Datasheet HTML 2Page - Microchip Technology MCP6V76T-EST Datasheet HTML 3Page - Microchip Technology MCP6V76T-EST Datasheet HTML 4Page - Microchip Technology MCP6V76T-EST Datasheet HTML 5Page - Microchip Technology MCP6V76T-EST Datasheet HTML 6Page - Microchip Technology MCP6V76T-EST Datasheet HTML 7Page - Microchip Technology MCP6V76T-EST Datasheet HTML 8Page - Microchip Technology MCP6V76T-EST Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
 2020 Microchip Technology Inc.
DS20006323B-page 5
MCP6V76/6U/7/9
TABLE 1-2:
AC ELECTRICAL SPECIFICATIONS
Electrical Characteristics: Unless otherwise indicated, TA = +25°C, VDD = +2V to +5.5V, VSS = GND,
VCM = VDD/3, VOUT =VDD/2, VL =VDD/2, RL =20kΩ to VL and CL = 30 pF (refer to Figure 1-4 and Figure 1-5).
Parameters
Sym.
Min.
Typ. Max.
Units
Conditions
Amplifier AC Response
Gain Bandwidth Product
GBWP
—
2
—
MHz
Slew Rate
SR
—
1.0
—
V/µs
Phase Margin
PM
—
60
—
°
G = +1
Amplifier Noise Response
Input Noise Voltage
Eni
—0.15
—
µVP-P f = 0.01 Hz to 1 Hz
Eni
—0.45
—
µVP-P f = 0.1 Hz to 10 Hz
Input Noise Voltage Density
eni
—21
—
nV/√Hz f < 2 kHz
Input Noise Current Density
ini
—5
—
fA/√Hz
Amplifier Distortion (Note 1)
Intermodulation Distortion (AC)
IMD
—
11
—
µVPK VCM tone = 100 mVPK at 1 kHz, GN = 1
Amplifier Step Response
Start Up Time
tSTR
—
200
—
µs
G = +1, 0.1% VOUT settling (Note 2)
Offset Correction Settling Time
tSTL
—15
—
µs
G = +1, VIN step of 2V,
VOS within 100 µV of its final value
Output Overdrive Recovery Time
tODR
—
40
—
µs
G = -10, ±0.5V input overdrive to VDD/2,
VIN 50% point to VOUT 90% point (Note 3)
EMI Protection
EMI Rejection Ratio
EMIRR
—
75
—
dB
VIN = 0.1 VPK, f = 400 MHz
—89
—
VIN = 0.1 VPK, f = 900 MHz
—96
—
VIN = 0.1 VPK, f = 1800 MHz
—98
—
VIN = 0.1 VPK, f = 2400 MHz
Note 1:
These parameters were characterized using the circuit in Figure 1-6. In Figures 2-36 and 2-37, there is
an IMD tone at DC, a residual tone at 1 kHz and other IMD tones and clock tones.
2:
High gains behave differently; see Section 4.3.2, Offset at Power Up.
3:
tODR includes some uncertainty due to clock edge timing.
TABLE 1-3:
TEMPERATURE SPECIFICATIONS
Electrical Characteristics: Unless otherwise indicated, all limits are specified for: VDD = +2V to +5.5V, VSS = GND.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Temperature Ranges
Specified Temperature Range
TA
-40
—
+125
°C
Operating Temperature Range
TA
-40
—
+125
°C
(Note 1)
Storage Temperature Range
TA
-65
—
+150
°C
Thermal Package Resistances
Thermal Resistance, 5L-SC-70
JA
—209
—
°C/W
Thermal Resistance, 5L-SOT-23
JA
—201
—
°C/W
Thermal Resistance, 8L-2x3 TDFN
JA
—53
—
°C/W
Thermal Resistance, 8L-MSOP
JA
—211
—
°C/W
Thermal Resistance, 14L-TSSOP
JA
—100
—
°C/W
Note 1:
Operation must not cause TJ to exceed Maximum Junction Temperature specification (+150°C).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com