Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP47CVB11 Datasheet(PDF) 53 Page - Microchip Technology

Part # MCP47CVB11
Description  8/10/12-Bit Digital-to-Analog Converters, 1 LSb INL Single/Dual Voltage Outputs with I2C Interface
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47CVB11 Datasheet(HTML) 53 Page - Microchip Technology

Back Button MCP47CVB11 Datasheet HTML 49Page - Microchip Technology MCP47CVB11 Datasheet HTML 50Page - Microchip Technology MCP47CVB11 Datasheet HTML 51Page - Microchip Technology MCP47CVB11 Datasheet HTML 52Page - Microchip Technology MCP47CVB11 Datasheet HTML 53Page - Microchip Technology MCP47CVB11 Datasheet HTML 54Page - Microchip Technology MCP47CVB11 Datasheet HTML 55Page - Microchip Technology MCP47CVB11 Datasheet HTML 56Page - Microchip Technology MCP47CVB11 Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 124 page
background image
 2018-2019 Microchip Technology Inc.
DS20006089B-page 53
MCP47CXBXX
4.2.5
DEVICE REGISTERS
Register 4-1 shows the format of the DAC Output Value
registers for the volatile memory locations. These
registers will be either 8 bits, 10 bits or 12 bits wide. The
values are right justified.
REGISTER 4-1:
DAC0 (00h/10h) AND DAC1 (01h/11h) OUTPUT VALUE REGISTERS
(VOLATILE/NONVOLATILE)
U-0
U-0
U-0
U-0 R/W-n R/W-n R/W-n R/W-n R/W-n R/W-n R/W-n R/W-n R/W-n R/W-n R/W-n R/W-n
12-bit
——
——
D11
D10
D09
D08
D07
D06
D05
D04
D03
D02
D01
D00
10-bit
——
——
——
D09
D08
D07
D06
D05
D04
D03
D02
D01
D00
8-bit
—
—
—
—
—
—
—
—
D07
D06
D05
D04
D03
D02
D01
D00
bit 15
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
= 12-bit device
=
10-bit device
= 8-bit device
12-bit
10-bit
8-bit
bit 15-12 bit 15-10 bit 15-8
Unimplemented: Read as ‘0’
bit 11-0
—
—
D11:D00: DAC Output Value bits – 12-bit devices
FFFh = Full-scale output value
7FFh = Mid-scale output value
000h = Zero scale output value
—
bit 9-0
—
D09:D00: DAC Output Value bits – 10-bit devices
3FFh = Full-scale output value
1FFh = Mid-scale output value
000h = Zero scale output value
—
—
bit 7-0
D07:D00: DAC Output Value bits – 8-bit devices
FFh = Full-scale output value
7Fh = Mid-scale output value
00h
= Zero scale output value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com