Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PFS173 Datasheet(PDF) 60 Page - PADAUK Technology.

Part # PFS173
Description  8bit MTP Type MCU with 8-bit ADC
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PFS173 Datasheet(HTML) 60 Page - PADAUK Technology.

Back Button PFS173 Datasheet HTML 56Page - PADAUK Technology. PFS173 Datasheet HTML 57Page - PADAUK Technology. PFS173 Datasheet HTML 58Page - PADAUK Technology. PFS173 Datasheet HTML 59Page - PADAUK Technology. PFS173 Datasheet HTML 60Page - PADAUK Technology. PFS173 Datasheet HTML 61Page - PADAUK Technology. PFS173 Datasheet HTML 62Page - PADAUK Technology. PFS173 Datasheet HTML 63Page - PADAUK Technology. PFS173 Datasheet HTML 64Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 105 page
background image
PFS173
8bit MTP MCU with 8-bit ADC
©Copyright 2020, PADAUK Technology Co. Ltd
Page 60 of 105
PDK-DS-PFS173-EN_V105-Jun. 19, 2020
An example shows how to use Timer16 to wake-up from “stopexe”:
$ T16M
ILRC, /1, BIT8
// Timer16 setting
$ INTEGS
BIT_R, xxx;
// BITx 0 to 1 will trigger (default)
…
WORD
count =
0;
STT16
count;
stopexe;
…
The initial counting value of Timer16 is zero and the system will be woken up after the Timer16 counts 256
ILRC clocks.
5.12.2 Power-Down mode (“stopsys”)
Power-Down mode is the state of deeply power-saving with turning off all the oscillator modules. By using
the “stopsys” instruction, this chip will be put on Power-Down mode directly. The following shows the
internal status of PFS173 detail when “stopsys” command is issued:
(1) All the oscillator modules are turned off.
(2) MTP memory is turned off.
(3) The contents of SRAM and registers remain unchanged.
(4) Wake-up sources: IO toggle in digital mode. (PxDIER bit is 1)
Wake-up from input pins can be considered as a continuation of normal execution. To minimize power
consumption, all the I/O pins should be carefully manipulated before entering power-down mode. The
reference sample program for power down is shown as below:
CLKMD
=
0xF4;
//
Change clock from IHRC to ILRC
CLKMD.4
=
0;
//
disable IHRC
…
while (1)
{
STOPSYS;
//
enter power-down
if
(…)
break;
//
if wakeup happen and check OK, then return to high speed,
//
else stay in power-down mode again.
}
CLKMD =
0x34;
//
Change clock from ILRC to IHRC/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com