| Electronic Components Datasheet Search |
|
MCP47CMB02-EMF Datasheet(PDF) 51 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP47CMB02-EMF Datasheet(HTML) 51 Page - Microchip Technology |
|
51 / 124 page ![]() 2018-2019 Microchip Technology Inc. DS20006089B-page 51 MCP47CXBXX 4.2.2 NONVOLATILE REGISTER MEMORY (MTP) This memory option is available only for the MCP47CMBXX devices. MTP memory starts functioning below the device’s VPOR/VBOR trip point, and once the VPOR event occurs, the Volatile Memory registers are loaded with the corresponding MTP register memory values. Memory addresses, 0Ch through 1Fh, are nonvolatile memory locations. These registers contain the DAC POR/BOR wiper values, the DAC POR/BOR Configura- tion bits, the I2C Slave address and eight general purpose memory addresses for storing user-defined data as calibration constants or identification numbers. The Nonvolatile DAC Wiper registers and Configuration bits contain the user’s DAC Output and configuration values for the POR event. The Nonvolatile DAC Wiper registers contain the user’s DAC output and configuration values for the POR event. These nonvolatile values will overwrite the factory default values. If these MTP addresses are unprogrammed, the factory default values define the output state. The Nonvolatile DAC registers enable the stand-alone operation of the device (without microcontroller control) after being programmed to the desired values. To program nonvolatile memory locations, a high- voltage source on the LAT/HVC pin is required. Each register/MTP location can be programmed 32 times. After 32 writes, a new write operation will not be possible and the last successful value written will remain associated with the memory location. The device starts writing the MTP memory cells at the completion of the serial interface command at the rising edge of the last data bit. The high voltage should remain present on the LAT/HVC pin until the write cycle is complete; otherwise, the write is unsuccessful and the location is compromised (cannot be used again and the number of available writes decreases by one). To recover from an aborted MTP write operation, the following procedure must be used: • Write again any valid value to the same address • Force a POR condition • Write again the desired value to the MTP location It is recommended to keep high voltage on only during the MTP write command and programming cycle; otherwise, the reliability of the device could be affected. 4.2.3 POR/BOR OPERATION WITH WIPERLOCK TECHNOLOGY ENABLED Regardless of the WiperLock technology state, a POR event will load the Volatile DACx Wiper register value with the Nonvolatile DACx Wiper register value. Refer to Section 4.1 “Power-on Reset/Brown-out Reset (POR/BOR)” for further information. 4.2.4 UNIMPLEMENTED LOCATIONS 4.2.4.1 Unimplemented Register Bits When issuing read commands to a valid memory loca- tion with unimplemented bits, the unimplemented bits will be read as ‘0’. 4.2.4.2 Unimplemented (RESERVED) Locations There are a number of unimplemented memory locations that are reserved for future use. Normal (voltage) commands (read or write) to any unimple- mented memory address will result in a command error condition (I2C NACK). High-voltage commands to any unimplemented Configuration bit(s) will also result in a command error condition. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |