Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT456A Datasheet(PDF) 1 Page - Gilway Technical Lamp

Part # HT456A
Description  Commercial Grade Lampholders
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GILWAY [Gilway Technical Lamp]
Direct Link  http://www.gilway.com
Logo GILWAY - Gilway Technical Lamp

HT456A Datasheet(HTML) 1 Page - Gilway Technical Lamp

  HT456A Datasheet HTML 1Page - Gilway Technical Lamp HT456A Datasheet HTML 2Page - Gilway Technical Lamp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Telephone: 781-935-4442
sales@gilway.com
Fax: 781-938-5867
www.gilway.com
Engineering Catalog 169
Commercial Grade Lampholders
36
HT458
E167154
Lamp Base
G4, GZ4, GX5.3,
GZ6.35, G6.35, GY6.35
MR-11. MR-16
Holder
Ceramic
Maximum
Ratings
250 Volts
100 Watts
200°C
Wire
18 AWG Stranded
Silicon & Fiberglass
Insulation
205mm Wire Length
HT456A
E167154
Lamp Base
G4, GZ4, GX5.3,
GZ6.35, G6.35, GY6.35
MR-11. MR-16
Holder
Ceramic
Maximum
Ratings
250 Volts
100 Watts
200°C
Wire
18 AWG Stranded
Silicon & Fiberglass
Insulation
100mm Wire Length
HT456
E167154
Lamp Base
G-4, GZ-4, GX-5.3
GZ6.35, G6.35, GY6.35
MR-11, MR-16
Holder
Ceramic
Maximum
Ratings
250 Volts
100 Watts
200°C
Wire
18 AWG Stranded
Silicon & Fiberglass
Insulation
220mm Wire Length


Similar Part No. - HT456A

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT45B0003 HOLTEK-HT45B0003 Datasheet
1Mb / 10P
Dual Line Power Line Data Transceiver
HT45B0C HOLTEK-HT45B0C Datasheet
114Kb / 10P
MOSFET Gate Driver
December 21, 2006
HT45B0F HOLTEK-HT45B0F Datasheet
165Kb / 23P
SPI-to-UART Bridge
June 7, 2011
HT45B0F HOLTEK-HT45B0F_12 Datasheet
163Kb / 23P
SPI-to-UART Bridge
September 24, 2012
HT45B0K HOLTEK-HT45B0K Datasheet
245Kb / 23P
SPI to USB Bridge
More results

Similar Description - HT456A

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
H912 GILWAY-H912 Datasheet
229Kb / 3P
6.35mm Base Lampholders
H943 GILWAY-H943 Datasheet
49Kb / 1P
R7 Base Lampholders
H989 GILWAY-H989 Datasheet
657Kb / 2P
5.3mm Base Lampholders
H9941 GILWAY-H9941 Datasheet
764Kb / 2P
4mm Base Lampholders
H9971 GILWAY-H9971 Datasheet
59Kb / 1P
9.5mm Base Lampholders
logo
Visual Communications C...
922 VCC-922 Datasheet
524Kb / 1P
Midget Flange incandescent Lampholders
925 VCC-925 Datasheet
508Kb / 1P
Midget Flange incandescent Lampholders
930 VCC-930 Datasheet
563Kb / 1P
Miniature Bayonet lampholders
logo
TDK Electronics
VLP8040T-100M TDK-VLP8040T-100M Datasheet
366Kb / 3P
Commercial Grade
logo
Ohmite Mfg. Co.
TVW OHMITE-TVW Datasheet
116Kb / 1P
Economical Commercial Grade
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com