Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL072CD Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TL072CD
Description  TL07xx Low-Noise JFET-Input Operational Amplifiers
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL072CD Datasheet(HTML) 2 Page - Texas Instruments

  TL072CD Datasheet HTML 1Page - Texas Instruments TL072CD Datasheet HTML 2Page - Texas Instruments TL072CD Datasheet HTML 3Page - Texas Instruments TL072CD Datasheet HTML 4Page - Texas Instruments TL072CD Datasheet HTML 5Page - Texas Instruments TL072CD Datasheet HTML 6Page - Texas Instruments TL072CD Datasheet HTML 7Page - Texas Instruments TL072CD Datasheet HTML 8Page - Texas Instruments TL072CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 69 page
background image
2
TL071, TL071A, TL071B
TL072, TL072A, TL072B, TL074, TL074A, TL074B, TL072M, TL074M
SLOS080N – SEPTEMBER 1978 – REVISED JULY 2017
www.ti.com
Product Folder Links: TL071 TL071A TL071B TL072 TL072A TL072B TL074 TL074A TL074B TL072M TL074M
Submit Documentation Feedback
Copyright © 1978–2017, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 4
6
Specifications....................................................... 10
6.1
Absolute Maximum Ratings .................................... 10
6.2
ESD Ratings............................................................ 10
6.3
Recommended Operating Conditions ..................... 10
6.4
Thermal Information: TL071x .................................. 11
6.5
Thermal Information: TL072x .................................. 11
6.6
Thermal Information: TL072x (cont.)....................... 11
6.7
Thermal Information: TL074x .................................. 11
6.8
Thermal Information: TL074x (cont)........................ 12
6.9
Thermal Information: TL074x (cont)........................ 12
6.10
Electrical Characteristics: TL071C, TL072C,
TL074C .................................................................... 13
6.11
Electrical Characteristics: TL071AC, TL072AC,
TL074AC .................................................................. 14
6.12
Electrical Characteristics: TL071BC, TL072BC,
TL074BC .................................................................. 15
6.13
Electrical Characteristics: TL071I, TL072I,
TL074I ...................................................................... 16
6.14
Electrical Characteristics: TL071M, TL072M ........ 17
6.15
Electrical Characteristics: TL074M ....................... 18
6.16
Switching Characteristics: TL07xM ....................... 19
6.17
Switching Characteristics: TL07xC, TL07xAC,
TL07xBC, TL07xI ..................................................... 19
6.18
Typical Characteristics .......................................... 20
6.1
Parameter Measurement Information ..................... 25
7
Detailed Description ............................................ 26
7.1
Overview ................................................................. 26
7.2
Functional Block Diagram ....................................... 26
7.3
Feature Description................................................. 27
7.4
Device Functional Modes........................................ 27
8
Application and Implementation ........................ 28
8.1
Application Information............................................ 28
8.2
Typical Application .................................................. 28
8.3
Unity Gain Buffer..................................................... 29
8.4
System Examples ................................................... 30
9
Power Supply Recommendations ...................... 32
10
Layout................................................................... 32
10.1
Layout Guidelines ................................................. 32
10.2
Layout Example .................................................... 33
11
Device and Documentation Support ................. 34
11.1
Documentation Support ........................................ 34
11.2
Related Links ........................................................ 34
11.3
Community Resources.......................................... 34
11.4
Trademarks ........................................................... 34
11.5
Electrostatic Discharge Caution ............................ 34
11.6
Glossary ................................................................ 34
12
Mechanical, Packaging, and Orderable
Information ........................................................... 35
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision M (February 2014) to Revision N
Page
Updated data sheet text to latest documentation and translation standards ......................................................................... 1
Added TL072M and TL074M devices to data sheet ............................................................................................................. 1
Rewrote text in Description section ....................................................................................................................................... 1
Changed TL07x 8-pin PDIP package to 8-pin CDIP package in Device Information table .................................................. 1
Deleted 20-pin LCCC package from Device Information table ............................................................................................. 1
Added 2017 copyright statement to front page schematic ..................................................................................................... 1
Deleted TL071x FK (LCCC) pinout drawing and pinout table in Pin Configurations and Functions section ........................ 4
Updated pinout diagrams and pinout tables in Pin Configurations and Functions section ................................................... 5
Deleted differential input voltage parameter from Absolute Maximum Ratings table ......................................................... 10
Deleted table notes from Absolute Maximum Ratings table ............................................................................................... 10
Added new table note to Absolute Maximum Ratings table ................................................................................................ 10
Changed minimum supply voltage value from –18 V to –0.3 V in Absolute Maximum Ratings table ................................. 10
Changed maximum supply voltage from 18 V to 36 V in Absolute Maximum Ratings table ............................................... 10
Changed minimum input voltage value from –15 V to VCC– – 0.3 V in Absolute Maximum Ratings table........................... 10
Changed maximum input voltage from 15 V to VCC– + 36 V in Absolute Maximum Ratings table....................................... 10
Added input clamp current parameter to Absolute Maximum Ratings table ....................................................................... 10
Changed common-mode voltage maximum value from VCC+ – 4 V to VCC+ in the Recommended Operating
Conditions table .................................................................................................................................................................... 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com