Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC27M2 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # TLC27M2
Description  LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC27M2 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TLC27M2 Datasheet HTML 20Page - Texas Instruments TLC27M2 Datasheet HTML 21Page - Texas Instruments TLC27M2 Datasheet HTML 22Page - Texas Instruments TLC27M2 Datasheet HTML 23Page - Texas Instruments TLC27M2 Datasheet HTML 24Page - Texas Instruments TLC27M2 Datasheet HTML 25Page - Texas Instruments TLC27M2 Datasheet HTML 26Page - Texas Instruments TLC27M2 Datasheet HTML 27Page - Texas Instruments TLC27M2 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 49 page
background image
TLC27M2, TLC27M2A, TLC27M2B, TLC27M7
LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
SLOS051E − OCTOBER 1987 − REVISED AUGUST 2008
24
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS†
Figure 30
−75
TA − Free-Air Temperature − C
900
125
300
−50
−25
0
25
50
75
100
400
500
600
700
800
UNITY-GAIN BANDWIDTH
vs
FREE-AIR TEMPERATURE
VDD = 5 V
VI = 10 mV
CL = 20 pF
See Figure 3
Figure 31
0
VDD − Supply Voltage − V
800
16
400
2
4
6
8
10
12
14
450
500
550
600
650
700
750
UNITY-GAIN BANDWIDTH
vs
SUPPLY VOLTAGE
See Figure 3
TA = 25°C
CL = 20 pF
VI = 10 mV
LARGE-SCALE DIFFERENTIAL VOLTAGE
AMPLIFICATION AND PHASE SHIFT
vs
FREQUENCY
0
f − Frequency − Hz
1 M
0.1
10
100
1 k
10 k
100 k
1
10
10 2
10 3
10 4
10 5
10 6
150
°
120
°
90
°
60
°
30
°
0
°
180
°
TA = 25°C
RL = 100 kΩ
VDD = 5 V
Phase Shift
10 7
AVD
Figure 32
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com