Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL064BCN Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TL064BCN
Description  TL06xx Low-Power JFET-Input Operational Amplifiers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL064BCN Datasheet(HTML) 2 Page - Texas Instruments

  TL064BCN Datasheet HTML 1Page - Texas Instruments TL064BCN Datasheet HTML 2Page - Texas Instruments TL064BCN Datasheet HTML 3Page - Texas Instruments TL064BCN Datasheet HTML 4Page - Texas Instruments TL064BCN Datasheet HTML 5Page - Texas Instruments TL064BCN Datasheet HTML 6Page - Texas Instruments TL064BCN Datasheet HTML 7Page - Texas Instruments TL064BCN Datasheet HTML 8Page - Texas Instruments TL064BCN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
TL061, TL061A, TL061B
TL062, TL062A, TL062B, TL064, TL064A, TL064B
SLOS078L – NOVEMBER 1978 – REVISED MAY 2015
www.ti.com
Table of Contents
8.2
Functional Block Diagram ....................................... 14
1
Features .................................................................. 1
8.3
Feature Description................................................. 14
2
Applications ........................................................... 1
8.4
Device Functional Modes........................................ 15
3
Description ............................................................. 1
9
Applications and Implementation ...................... 16
4
Revision History..................................................... 2
9.1
Application Information............................................ 16
5
Pin Configuration and Functions ......................... 3
9.2
Typical Applications ................................................ 16
6
Specifications......................................................... 4
9.3
System Examples ................................................... 17
6.1
Absolute Maximum Ratings ...................................... 4
10
Power Supply Recommendations ..................... 19
6.2
ESD Ratings.............................................................. 5
11
Layout................................................................... 20
6.3
Recommended Operating Conditions ....................... 5
11.1
Layout Guidelines ................................................. 20
6.4
Thermal Information - 8 Pins..................................... 5
11.2
Layout Examples................................................... 20
6.5
Thermal Information - 14 Pins................................... 5
12
Device and Documentation Support ................. 21
6.6
Thermal Information - 20 Pins................................... 6
12.1
Documentation Support ........................................ 21
6.7
Electrical Characteristics for TL06xC and TL06xxC . 6
12.2
Related Links ........................................................ 21
6.8
Electrical Characteristics for TL06xxC and TL06xI ... 7
12.3
Community Resources.......................................... 21
6.9
Electrical Characteristics for TL06xM and TL064M .. 7
12.4
Trademarks ........................................................... 21
6.10
Operating Characteristics........................................ 8
12.5
Electrostatic Discharge Caution ............................ 21
6.11
Typical Characteristics ............................................ 9
12.6
Glossary ................................................................ 21
7
Parameter Measurement Information ................ 13
13
Mechanical, Packaging, and Orderable
8
Detailed Description ............................................ 14
Information ........................................................... 21
8.1
Overview ................................................................. 14
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision K (January 2014) to Revision L
Page
•
Added Applications ................................................................................................................................................................. 1
•
Added Pin Configuration and Functions section, ESD Ratings table, Feature Description section, Device Functional
Modes, Application and Implementation section, Power Supply Recommendations section, Layout section, Device
and Documentation Support section, and Mechanical, Packaging, and Orderable Information section .............................. 1
Changes from Revision J (September 2004) to Revision K
Page
•
Updated document to new TI data sheet format - no specification changes. ........................................................................ 1
•
Deleted Ordering Information table. ....................................................................................................................................... 1
•
Updated Features with Military Disclaimer. ............................................................................................................................ 1
2
Submit Documentation Feedback
Copyright © 1978–2015, Texas Instruments Incorporated
Product Folder Links: TL061 TL061A TL061B TL062 TL062A TL062B TL064 TL064A TL064B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com