Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC27L9CD Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TLC27L9CD
Description  LinCMOS PRECISION QUAD OPERATIONAL AMPLIFIERS
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC27L9CD Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLC27L9CD Datasheet HTML 17Page - Texas Instruments TLC27L9CD Datasheet HTML 18Page - Texas Instruments TLC27L9CD Datasheet HTML 19Page - Texas Instruments TLC27L9CD Datasheet HTML 20Page - Texas Instruments TLC27L9CD Datasheet HTML 21Page - Texas Instruments TLC27L9CD Datasheet HTML 22Page - Texas Instruments TLC27L9CD Datasheet HTML 23Page - Texas Instruments TLC27L9CD Datasheet HTML 24Page - Texas Instruments TLC27L9CD Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
TLC27L4, TLC27L4A, TLC27L4B, TLC27L4Y, TLC27L9
LinCMOS
™ PRECISION QUAD OPERATIONAL AMPLIFIERS
SLOS053C – OCTOBER 1987 – REVISED AUGUST 1994
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 6
–5
0
VIO – Input Offset Voltage – mV
5
70
–4
–3
–2
–1
0
1
23
4
10
20
30
40
50
60
905 Amplifiers Tested From 6 Wafer Lots
VDD = 5 V
TA = 25°C
N Package
DISTRIBUTION OF TLC27L4
INPUT OFFSET VOLTAGE
Figure 7
N Package
TA = 25°C
VDD = 10 V
905 Amplifiers Tested From 6 Wafer Lots
60
50
40
30
20
10
4
3
2
1
0
–1
–2
–3
–4
70
5
VIO – Input Offset Voltage – mV
0
–5
DISTRIBUTION OF TLC27L4
INPUT OFFSET VOLTAGE
Figure 8
(1) 12.1
µV/°C
(1) 19.2
µV/°C
Outliers:
N Package
TA = 25°C to 125°C
VDD = 5 V
356 Amplifiers Tested From 8 Wafer Lots
60
50
40
30
20
10
8
6
4
2
0
–2
–4
–6
–8
70
10
αVIO – Temperature Coefficient – µV/°C
0
–10
DISTRIBUTION OF TLC27L4 AND TLC27L9
INPUT OFFSET VOLTAGE
TEMPERATURE COEFFICIENT
Figure 9
–10
0
αVIO – Temperature Coefficient – µV/°C
10
70
–8
–6
–4
–2
0
2
46
8
10
20
30
40
50
60
356 Amplifiers Tested From 6 Wafer Lots
VDD = 10 V
TA = 25°C to 125°C
N Package
Outliers:
(1) 18.7
µV/°C
(1) 11.6
µV/°C
DISTRIBUTION OF TLC27L4 AND TLC27L9
INPUT OFFSET VOLTAGE
TEMPERATURE COEFFICIENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com