Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP1633 Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP1633
Description  Low-Side PWM Controller with LED Dimming Capability
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1633 Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP1633 Datasheet HTML 5Page - Microchip Technology MCP1633 Datasheet HTML 6Page - Microchip Technology MCP1633 Datasheet HTML 7Page - Microchip Technology MCP1633 Datasheet HTML 8Page - Microchip Technology MCP1633 Datasheet HTML 9Page - Microchip Technology MCP1633 Datasheet HTML 10Page - Microchip Technology MCP1633 Datasheet HTML 11Page - Microchip Technology MCP1633 Datasheet HTML 12Page - Microchip Technology MCP1633 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
 2020 Microchip Technology Inc.
DS20006289A-page 9
MCP1633
FIGURE 2-13:
Vref Current vs.
Temperature.
.
FIGURE 2-14:
Current Sense Amplifier
Offset Voltage vs.Temperature.
FIGURE 2-15:
OVP vs. Temperature.
.
FIGURE 2-16:
UVLO VINLO Threshold vs.
Temperature.
FIGURE 2-17:
UVLO VINHI Threshold vs.
Temperature.
FIGURE 2-18:
Oscillating Frequency vs.
Temperature at 600 kHz.
49.6
49.65
49.7
49.75
49.8
49.85
49.9
49.95
50
-40 -25 -10
5
20
35
50
65
80
95 110 125
Temp (°C)
-0.45
-0.4
-0.35
-0.3
-0.25
-0.2
-0.15
-0.1
-0.05
0
-40 -25 -10
5
20
35
50
65
80
95 110 125
Temp (°C)
1.24
1.242
1.244
1.246
1.248
1.25
-40 -25 -10
5
20
35
50
65
80
95 110 125
Temp (°C)
2.72
2.725
2.73
2.735
2.74
-40 -25 -10
5
20
35
50
65
80
95 110 125
Temp (°C)
2.86
2.865
2.87
2.875
2.88
-40 -25 -10
5
20
35
50
65
80
95 110 125
Temp (°C)
580
582
584
586
588
590
592
594
-40 -25 -10
5
20
35
50
65
80
95 110 125
Temp (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com