Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC271 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # TLC271
Description  LinCMOS PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC271 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TLC271 Datasheet HTML 24Page - Texas Instruments TLC271 Datasheet HTML 25Page - Texas Instruments TLC271 Datasheet HTML 26Page - Texas Instruments TLC271 Datasheet HTML 27Page - Texas Instruments TLC271 Datasheet HTML 28Page - Texas Instruments TLC271 Datasheet HTML 29Page - Texas Instruments TLC271 Datasheet HTML 30Page - Texas Instruments TLC271 Datasheet HTML 31Page - Texas Instruments TLC271 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 84 page
background image
TLC271, TLC271A, TLC271B
LinCMOS
 PROGRAMMABLE LOW-POWER
OPERATIONAL AMPLIFIERS
SLOS090D – NOVEMBER 1987 – REVISED MARCH 2001
28
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS (MEDIUM-BIAS MODE)
Table of Graphs
FIGURE
VIO
Input offset voltage
Distribution
34, 35
αVIO
Temperature coefficient
Distribution
36, 37
vs High-level output current
38, 39
VOH
High-level output voltage
vs High level out ut current
vs Supply voltage
38, 39
40
OH
gg
yg
vs Free-air temperature
41
vs Common-mode input voltage
42, 43
VOL
Low level output voltage
vs Common mode in ut voltage
vs Differential input voltage
42, 43
44
VOL
Low-level output voltage
g
vs Free-air temperature
45
vs Low-level output current
46, 47
vs Supply voltage
48
AVD
Large-signal differential voltage amplification
vs Su
ly voltage
vs Free-air temperature
48
49
VD
gg
g
vs Frequency
60, 61
IIB
Input bias current
vs Free-air temperature
50
IIO
Input offset current
vs Free-air temperature
50
VI
Maximum Input voltage
vs Supply voltage
51
IDD
Supply current
vs Supply voltage
52
IDD
Supply current
yg
vs Free-air temperature
53
SR
Slew rate
vs Supply voltage
54
SR
Slew rate
yg
vs Free-air temperature
55
Bias-select current
vs Supply voltage
56
VO(PP) Maximum peak-to-peak output voltage
vs Frequency
57
B1
Unity gain bandwidth
vs Free-air temperature
58
B1
Unity-gain bandwidth
vs Supply voltage
59
vs Supply voltage
62
φm
Phase margin
vs Su
ly voltage
vs Free-air temperature
62
63
φm
g
vs Capacitive load
64
Vn
Equivalent input noise voltage
vs Frequency
65
Phase shift
vs Frequency
60, 61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com