Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC271ACPS Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TLC271ACPS
Description  LinCMOS PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC271ACPS Datasheet(HTML) 17 Page - Texas Instruments

Back Button TLC271ACPS Datasheet HTML 13Page - Texas Instruments TLC271ACPS Datasheet HTML 14Page - Texas Instruments TLC271ACPS Datasheet HTML 15Page - Texas Instruments TLC271ACPS Datasheet HTML 16Page - Texas Instruments TLC271ACPS Datasheet HTML 17Page - Texas Instruments TLC271ACPS Datasheet HTML 18Page - Texas Instruments TLC271ACPS Datasheet HTML 19Page - Texas Instruments TLC271ACPS Datasheet HTML 20Page - Texas Instruments TLC271ACPS Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 84 page
background image
TLC271, TLC271A, TLC271B
LinCMOS
 PROGRAMMABLE LOW-POWER
OPERATIONAL AMPLIFIERS
SLOS090D – NOVEMBER 1987 – REVISED MARCH 2001
17
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS (HIGH-BIAS MODE)†
Figure 18
0.1
125
10000
45
65
85
105
1
10
100
1000
25
TA – Free-Air Temperature – °C
INPUT BIAS CURRENT AND INPUT OFFSET
CURRENT
vs
FREE-AIR TEMPERATURE
VDD = 10 V
VIC = 5 V
See Note A
IIB
IIO
NOTE A: The typical values of input bias current and input offset
current below 5 pA were determined mathematically.
Figure 19
0
VDD – Supply Voltage – V
16
16
0
24
6
8
10
12
14
2
4
6
8
10
12
14
TA = 25°C
COMMON-MODE INPUT VOLTAGE
(POSITIVE LIMIT)
vs
SUPPLY VOLTAGE
Figure 20
0
VDD – Supply Voltage – V
2.5
16
0
2
4
6
8
10
12
14
0.5
1
1.5
2
TA =– 55°C
25
°C
70
°C
125
°C
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
0
°C
VO = VDD /2
No Load
Figure 21
– 75
TA – Free-Air Temperature – °C
2
125
0
0.5
1
1.5
– 50
– 25
0
25
50
75
100
VDD = 10 V
VDD = 5 V
SUPPLY CURRENT
vs
FREE-AIR TEMPERATURE
VO = VDD /2
No Load
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com