Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC372CD Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLC372CD
Description  LinCMOS DUAL DIFFERENTIAL COMPARATORS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC372CD Datasheet(HTML) 2 Page - Texas Instruments

  TLC372CD Datasheet HTML 1Page - Texas Instruments TLC372CD Datasheet HTML 2Page - Texas Instruments TLC372CD Datasheet HTML 3Page - Texas Instruments TLC372CD Datasheet HTML 4Page - Texas Instruments TLC372CD Datasheet HTML 5Page - Texas Instruments TLC372CD Datasheet HTML 6Page - Texas Instruments TLC372CD Datasheet HTML 7Page - Texas Instruments TLC372CD Datasheet HTML 8Page - Texas Instruments TLC372CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
TLC372
LinCMOS DUAL DIFFERENTIAL COMPARATORS
SLCS114E − NOVEMBER 1983 − REVISED JULY 2008
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
equivalent schematic (each comparator)
Common to All Channels
VDD
GND
OUT
IN +
IN −
AVAILABLE OPTIONS(1)
V
max
PACKAGED DEVICES
TA
VIO max
AT 25
°C
SMALL
OUTLINE
(D)(2)
CHIP
CARRIER
(FK)
CERAMIC
DIP
(JG)
PLASTIC
DIP
(P)
TSSOP
(PW)
CERAMIC
FLAT PACK
(U)
0
°C to 70°C
5 mV
TLC372CD
—
—
TLC372CP
TLC372CPW
—
−40
°C to 85°C
5 mV
TLC372ID
—
—
TLC372IP
—
—
−55
°C to 125°C
5 mV
TLC372MD
TLC372MFK
TLC372MJG
TLC372MP
—
TLC372MU
−40
°C to 125°C
5 mV
TLC372QD
—
—
TLC372QP
—
—
1. For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI web
site at www.ti.com.
2. The D packages are available taped and reeled. Add R suffix to device type (e.g., TLC372CDR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com