Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC272CPWR Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # TLC272CPWR
Description  LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC272CPWR Datasheet(HTML) 35 Page - Texas Instruments

Back Button TLC272CPWR Datasheet HTML 31Page - Texas Instruments TLC272CPWR Datasheet HTML 32Page - Texas Instruments TLC272CPWR Datasheet HTML 33Page - Texas Instruments TLC272CPWR Datasheet HTML 34Page - Texas Instruments TLC272CPWR Datasheet HTML 35Page - Texas Instruments TLC272CPWR Datasheet HTML 36Page - Texas Instruments TLC272CPWR Datasheet HTML 37Page - Texas Instruments TLC272CPWR Datasheet HTML 38Page - Texas Instruments TLC272CPWR Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 51 page
background image
TLC272, TLC272A, TLC272B, TLC272Y, TLC277
LinCMOS
 PRECISION DUAL OPERATIONAL AMPLIFIERS
SLOS091E – OCTOBER 1987 – REVISED FEBRUARY 2002
35
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
10 k
Ω
1/2
TLC277
(see Note A)
R1,10 k
Ω
VO
95 k
Ω
10 k
Ω
– 5 V
VI +
VI –
5 V
10 k
Ω
100 k
Ω
–
+
1/2
TLC277
1/2
TLC277
NOTE B: CMRR adjustment must be noninductive.
Figure 48. Low-Power Instrumentation Amplifier
R/2
5 M
Ω
C
270 pF
2C
540 pF
R
10 M
Ω
VO
VI
5 V
f
NOTCH +
1
2
pRC
C
270 pF
R
10 M
Ω
1/2
TLC272
Figure 49. Single-Supply Twin-T Notch Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com