Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC274CD Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # TLC274CD
Description  LinCMOS PRECISION QUAD OPERATIONAL AMPLIFIERS
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC274CD Datasheet(HTML) 36 Page - Texas Instruments

Back Button TLC274CD Datasheet HTML 32Page - Texas Instruments TLC274CD Datasheet HTML 33Page - Texas Instruments TLC274CD Datasheet HTML 34Page - Texas Instruments TLC274CD Datasheet HTML 35Page - Texas Instruments TLC274CD Datasheet HTML 36Page - Texas Instruments TLC274CD Datasheet HTML 37Page - Texas Instruments TLC274CD Datasheet HTML 38Page - Texas Instruments TLC274CD Datasheet HTML 39Page - Texas Instruments TLC274CD Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 49 page
background image
TLC274, TLC274A, TLC274B, TLC274Y, TLC279
LinCMOS PRECISION QUAD OPERATIONAL AMPLIFIERS
SLOS092D − SEPTEMBER 1987 − REVISED MARCH 2001
36
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
−
+
100 k
Ω
10 k
Ω
5 V
VI −
VI +
−5 V
10 k
Ω
95 k
Ω
VO
R1, 10 k
Ω
(see Note A)
1/4
TLC279
1/4
TLC279
1/4
TLC279
10 k
Ω
NOTE C: CMRR adjustment must be noninductive.
Figure 48. Low-Power Instrumentation Amplifier
5 V
VI
VO
R
10 M
Ω
2C
540 pF
10 M
Ω
R
270 pF
CC
270 pF
5 M
Ω
R/2
TLC274
1/4
f
NOTCH +
1
2
pRC
Figure 49. Single-Supply Twin-T Notch Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com