Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV9352IDDFR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLV9352IDDFR
Description  TLV935x 3.5-MHz, 40-V, RRO, MUX-Friendly Operational Amplifier for Cost-Sensitive Systems
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV9352IDDFR Datasheet(HTML) 3 Page - Texas Instruments

  TLV9352IDDFR Datasheet HTML 1Page - Texas Instruments TLV9352IDDFR Datasheet HTML 2Page - Texas Instruments TLV9352IDDFR Datasheet HTML 3Page - Texas Instruments TLV9352IDDFR Datasheet HTML 4Page - Texas Instruments TLV9352IDDFR Datasheet HTML 5Page - Texas Instruments TLV9352IDDFR Datasheet HTML 6Page - Texas Instruments TLV9352IDDFR Datasheet HTML 7Page - Texas Instruments TLV9352IDDFR Datasheet HTML 8Page - Texas Instruments TLV9352IDDFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 52 page
background image
5 Pin Configuration and Functions
1
OUT
2
V±
3
IN+
4
IN±
5
V+
Not to scale
A. Package is preview only.
Figure 5-1. TLV9351 DBV Package(1)
5-Pin SOT-23
Top View
1
IN+
2
V±
3
IN±
4
OUT
5
V+
Not to scale
A. Package is preview only.
Figure 5-2. TLV9351 DCK Package(1)
5-Pin SC70
Top View
Pin Functions: TLV9351
PIN
I/O
DESCRIPTION
NAME
DBV, DRL
DCK
+IN
3
1
I
Noninverting input
–IN
4
3
I
Inverting input
OUT
1
4
O
Output
V+
5
5
—
Positive (highest) power supply
V–
2
2
—
Negative (lowest) power supply
www.ti.com
TLV9352
SBOS994B – NOVEMBER 2019 – REVISED AUGUST 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TLV9352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com