Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC3702IP Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLC3702IP
Description  DUAL MICROPOWER LinCMOS??VOLTAGE COMPARATORS
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC3702IP Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLC3702IP Datasheet HTML 2Page - Texas Instruments TLC3702IP Datasheet HTML 3Page - Texas Instruments TLC3702IP Datasheet HTML 4Page - Texas Instruments TLC3702IP Datasheet HTML 5Page - Texas Instruments TLC3702IP Datasheet HTML 6Page - Texas Instruments TLC3702IP Datasheet HTML 7Page - Texas Instruments TLC3702IP Datasheet HTML 8Page - Texas Instruments TLC3702IP Datasheet HTML 9Page - Texas Instruments TLC3702IP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
TLC3702
DUAL MICROPOWER LinCMOS
™ VOLTAGE COMPARATORS
SLCS013E − NOVEMBER 1986 − REVISED MARCH 2012
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics, VDD = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TLC3702C, TLC3702I
TLC3702M
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Overdrive = 2 mV
4.5
f 10 kH
Overdrive = 5 mV
2.7
tPLH
Propagation delay time, low-to-high-level output†
f = 10 kHz,
CL = 50 pF
Overdrive = 10 mV
1.9
μs
tPLH
Propagation delay time, low to high level output
CL = 50 pF
Overdrive = 20 mV
1.4
μs
Overdrive = 40 mV
1.1
VI = 1.4 V step at IN+
1.1
Overdrive = 2 mV
4
f 10 kH
Overdrive = 5 mV
2.3
tPHL
Propagation delay time, high-to-low-level output†
f = 10 kHz,
CL = 50 pF
Overdrive = 10 mV
1.5
μs
tPHL
Propagation delay time, high to low level output
CL = 50 pF
Overdrive = 20 mV
0.95
μs
Overdrive = 40 mV
0.65
VI = 1.4 V step at IN+
0.15
tf
Fall time
f = 10 kHz,
CL = 50 pF
Overdrive = 50 mV
50
ns
tr
Rise time
f = 10 kHz,
CL = 50 pF
Overdrive = 50 mV
125
ns
† Simultaneous switching of inputs causes degradation in output response.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com