Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV9152IDDFR Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # TLV9152IDDFR
Description  TLV915x 4.5-MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV9152IDDFR Datasheet(HTML) 26 Page - Texas Instruments

Back Button TLV9152IDDFR Datasheet HTML 22Page - Texas Instruments TLV9152IDDFR Datasheet HTML 23Page - Texas Instruments TLV9152IDDFR Datasheet HTML 24Page - Texas Instruments TLV9152IDDFR Datasheet HTML 25Page - Texas Instruments TLV9152IDDFR Datasheet HTML 26Page - Texas Instruments TLV9152IDDFR Datasheet HTML 27Page - Texas Instruments TLV9152IDDFR Datasheet HTML 28Page - Texas Instruments TLV9152IDDFR Datasheet HTML 29Page - Texas Instruments TLV9152IDDFR Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 63 page
background image
Time (20us/div)
C016
Input
Output
NMOS
PMOS
PMOS
NMOS
V-
V+
IN+
IN-
26
TLV9151, TLV9152, TLV9154
SBOS986B – OCTOBER 2019 – REVISED MAY 2020
www.ti.com
Product Folder Links: TLV9151 TLV9152 TLV9154
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
7.3.4 Common-Mode Voltage Range
The TLV915x is a 16-V, rail-to-rail input operational amplifier with an input common-mode range that extends 200
mV beyond either supply rail. This wide range is achieved with paralleled complementary N-channel and P-
channel differential input pairs, as shown in Figure 47. The N-channel pair is active for input voltages close to the
positive rail, typically (V+) – 1 V to 100 mV above the positive supply. The P-channel pair is active for inputs from
100 mV below the negative supply to approximately (V+) – 2 V. There is a small transition region, typically (V+) –
2 V to (V+) – 1 V in which both input pairs are on. This transition region can vary modestly with process variation,
and within this region PSRR, CMRR, offset voltage, offset drift, noise, and THD performance may be degraded
compared to operation outside this region.
Figure 5 shows this transition region for a typical device in terms of input voltage offset in more detail.
For more information on common-mode voltage range and PMOS/NMOS pair interaction, see Op Amps With
Complementary-Pair Input Stages application note.
Figure 47. Rail-to-Rail Input Stage
7.3.5 Phase Reversal Protection
The TLV915x family has internal phase-reversal protection. Many op amps exhibit a phase reversal when the
input is driven beyond its linear common-mode range. This condition is most often encountered in non-inverting
circuits when the input is driven beyond the specified common-mode voltage range, causing the output to
reverse into the opposite rail. The TLV915x is a rail-to-rail input op amp; therefore, the common-mode range can
extend up to the rails. Input signals beyond the rails do not cause phase reversal; instead, the output limits into
the appropriate rail. This performance is shown in Figure 48. For more information on phase reversal, see Op
Amps With Complementary-Pair Input Stages application note.
Figure 48. No Phase Reversal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com