Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC374MFKB Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLC374MFKB
Description  LinCMOS QUADRUPLE DIFFERENTIAL COMPARATORS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC374MFKB Datasheet(HTML) 5 Page - Texas Instruments

  TLC374MFKB Datasheet HTML 1Page - Texas Instruments TLC374MFKB Datasheet HTML 2Page - Texas Instruments TLC374MFKB Datasheet HTML 3Page - Texas Instruments TLC374MFKB Datasheet HTML 4Page - Texas Instruments TLC374MFKB Datasheet HTML 5Page - Texas Instruments TLC374MFKB Datasheet HTML 6Page - Texas Instruments TLC374MFKB Datasheet HTML 7Page - Texas Instruments TLC374MFKB Datasheet HTML 8Page - Texas Instruments TLC374MFKB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
electrical characteristics at specified free-air temperature, VDD = 5 V
PARAMETER
TEST CONDITIONS
TA†
TLC374C
TLC374I
TLC374M
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
VIC =VICRmin
See Note 4
25
°C
1
5
1
5
1
5
mV
VIO
Input offset voltage
VIC = VICRmin, See Note 4
Full range
6.5
7
10
mV
IIO
Input offset current
25
°C
1
1
1
pA
IIO
Input offset current
MAX
0.3
1
10
nA
IIB
Input bias current
25
°C
5
5
5
pA
IIB
Input bias current
MAX
0.6
2
20
nA
VICR
Common-mode input
25
°C
0 to
VDD – 1
0 to
VDD – 1
0 to
VDD – 1
V
VICR
voltage range
Full range
0 to
VDD – 1.5
0 to
VDD – 1.5
0 to
VDD – 1.5
V
IOH
High level output current
VID =1 V
VOH = 5 V
25
°C
0.1
0.1
0.1
nA
IOH
High-level output current
VID = 1 V
VOH = 15 V
Full range
1
1
1
µA
VOL
Low level output voltage
VID = 1V
IOL =4mA
25
°C
150
400
150
400
150
400
mV
VOL
Low-level output voltage
VID = – 1 V,
IOL = 4 mA
Full range
700
700
700
mV
IOL
Low-level output current
VID = –1 V,
VOL = 1.5 V
25
°C
6
16
6
16
6
16
mA
IDD
Supply current
VID =1V
No load
25
°C
300
600
300
600
300
600
µA
IDD
y
(four comparators)
VID = 1 V,
No load
Full range
800
800
800
µA
† All characteristics are measured with zero common-mode input voltage unless otherwise noted. Full range is 0
°C to 70°C for TLC374C, –40°C to 85°C for TLC374I, and –55°C to
125
°C for the TLC374M, and –40°C to 125°C for TLC374Q. MAX is 70°C for TLC374C, 85°C TLC374I, and 125°C for the TLC374M, and 125°C for TLC374Q. IMPORTANT: See
Parameter Measurement Information.
NOTE 4: The offset voltage limits given are the maximum values required to drive the output above 4 V or below 400 mV with a 10-k
Ω resistor between the output and VDD. They can
be verified by applying the limit value to the input and checking for the appropriate output state.
switching characteristics, VDD = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TLC374C, TLC374I
TLC374M, TLC374Q
UNIT
MIN
TYP
MAX
Response time
RL connected to 5 V through 5.1 kΩ,
‡
100-mV input step with 5-mV overdrive
650
ns
Response time
L
g
CL = 15 pF ‡,
See Note 5
TTL-level input step
200
ns
‡ CL includes probe and jig capacitance.
NOTE 5: The response time specified is the interval between the input step function and the instant when the output crosses 1.4 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com