Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV74333PDBVR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLV74333PDBVR
Description  TLV743P 300-mA, Low-Dropout Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV74333PDBVR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV74333PDBVR Datasheet HTML 2Page - Texas Instruments TLV74333PDBVR Datasheet HTML 3Page - Texas Instruments TLV74333PDBVR Datasheet HTML 4Page - Texas Instruments TLV74333PDBVR Datasheet HTML 5Page - Texas Instruments TLV74333PDBVR Datasheet HTML 6Page - Texas Instruments TLV74333PDBVR Datasheet HTML 7Page - Texas Instruments TLV74333PDBVR Datasheet HTML 8Page - Texas Instruments TLV74333PDBVR Datasheet HTML 9Page - Texas Instruments TLV74333PDBVR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
6
TLV743P
SBVS310C – JULY 2017 – REVISED JUNE 2019
www.ti.com
Product Folder Links: TLV743P
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
(1)
Dropout voltage for the TLV743P is not valid at room temperature. The device engages undervoltage lockout (VIN < UVLOFALL) before
the dropout condition is met.
6.5 Electrical Characteristics
at operating temperature range (TJ = –40°C to +125°C), VIN = VOUT(nom) + 0.5 V or 2 V (whichever is greater), IOUT = 1 mA,
VEN = VIN, and CIN = COUT = 1 µF (unless otherwise noted). All typical values at TJ = 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage
1.4
5.5
V
DC output accuracy
TJ = 25°C
–1%
1%
–40°C
≤ TJ ≤ 125°C
–1.4%
1.4%
UVLO
Undervoltage
lockout
VIN rising
1.3
1.4
V
VIN falling
1.25
ΔVO(ΔVI)
Line regulation
ΔVI = VIN(nom) to VIN(nom) + 1
1
mV
ΔVO(ΔIO)
Load regulation
ΔIO = 1 mA to 300 mA
DBV package
16
mV
25
VDO
Dropout voltage(1)
VOUT = 0.98 × VOUT(nom)
IOUT = 300 mA
VOUT = 1.1 V
–40°C
≤ TJ ≤ 85°C
480
mV
1.2 V
≤ VOUT < 1.5 V
–40°C
≤ TJ ≤ 85°C
420
1.5 V
≤ VOUT < 1.8 V
–40°C
≤ TJ ≤ 85°C
370
1.8 V
≤ VOUT < 2.5 V
–40°C
≤ TJ ≤ 85°C
270
2.5 V
≤ VOUT < 3.3 V
–40°C
≤ TJ ≤ 85°C
260
VOUT = 3.3 V
–40°C
≤ TJ ≤ 85°C
125
220
1.2 V
≤ VOUT < 1.5 V
–40°C
≤ TJ ≤ 125°C
450
1.5 V
≤ VOUT < 1.8 V
–40°C
≤ TJ ≤ 125°C
400
1.8 V
≤ VOUT < 2.5 V
–40°C
≤ TJ ≤ 125°C
300
2.5 V
≤ VOUT < 3.3 V
–40°C
≤ TJ ≤ 125°C
290
VOUT = 3.3 V
–40°C
≤ TJ ≤ 125°C
125
270
IGND
Ground pin current
IOUT = 0 mA
34
60
µA
ISHDN
Shutdown current
VEN ≤ 0.35 V
2 V
≤ VIN ≤ 5.5 V
TJ = 25°C
0.1
1
µA
PSRR
Power-supply
rejection ratio
VOUT = 1.8 V
IOUT = 300 mA
f = 100 Hz
68
dB
f = 10 kHz
35
f = 100 kHz
28
Vn
Output noise voltage
Bandwidth = 10 Hz to 100 kHz
VOUT = 1.8 V
IOUT = 10 mA
120
µVRMS
VEN(HI)
EN pin high voltage
(enabled)
0.9
V
VEN(LO)
EN pin low voltage
(disabled)
0.35
V
IEN
EN pin current
VEN = 5.5 V
0.01
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com