Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC3702MFKB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLC3702MFKB
Description  DUAL MICROPOWER LinCMOS??VOLTAGE COMPARATORS
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC3702MFKB Datasheet(HTML) 1 Page - Texas Instruments

  TLC3702MFKB Datasheet HTML 1Page - Texas Instruments TLC3702MFKB Datasheet HTML 2Page - Texas Instruments TLC3702MFKB Datasheet HTML 3Page - Texas Instruments TLC3702MFKB Datasheet HTML 4Page - Texas Instruments TLC3702MFKB Datasheet HTML 5Page - Texas Instruments TLC3702MFKB Datasheet HTML 6Page - Texas Instruments TLC3702MFKB Datasheet HTML 7Page - Texas Instruments TLC3702MFKB Datasheet HTML 8Page - Texas Instruments TLC3702MFKB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
TLC3702
DUAL MICROPOWER LinCMOS
™ VOLTAGE COMPARATORS
SLCS013E − NOVEMBER 1986 − REVISED MARCH 2012
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Push-Pull CMOS Output Drives Capacitive
Loads Without Pullup Resistor,
IO = ± 8 mA
D Very Low Power . . . 100 μW Typ at 5 V
D Fast Response Time ...tPLH = 2.7 μs Typ
With 5-mV Overdrive
D Single-Supply Operation ...3 V to 16 V
TLC3702M ...4 V to 16 V
D On-Chip ESD Protection
description
The TLC3702 consists of two independent
micropower voltage comparators designed to
operate from a single supply and be compatible
with modern HCMOS logic systems. They are
functionally similar to the LM339 but use one-
twentieth of the power for similar response times.
The push-pull CMOS output stage drives
capacitive loads directly without a power-
consuming pullup resistor to achieve the stated
response time. Eliminating the pullup resistor not
only reduces power dissipation, but also saves
board space and component cost. The output
stage is also fully compatible with TTL
requirements.
Texas Instruments LinCMOS™ process offers
superior analog performance to standard CMOS
processes. Along with the standard CMOS
advantages of low power without sacrificing
speed, high input impedance, and low bias
currents,
the
LinCMOS™ process offers
extremely stable input offset voltages with large
differential input voltages. This characteristic
makes it possible to build reliable CMOS
comparators.
The TLC3702C is characterized for operation over the commercial temperature range of 0°C to 70°C. The
TLC3702I is characterized for operation over the extended industrial temperature range of −40°C to 85°C. The
TLC3702M is characterized for operation over the full military temperature range of −55°C to 125°C.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright © 1998, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
3 2 1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
NC
2OUT
NC
2IN−
NC
NC
1IN−
NC
1IN+
NC
FK PACKAGE
(TOP VIEW)
D, JG, OR P PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
1OUT
1IN−
1IN+
GND
VDD
2OUT
2IN−
2IN+
NC − No internal connection
OUT
symbol (each comparator)
IN +
IN −
LinCMOS is a trademark of Texas Instruments Incorporated.


Similar Part No. - TLC3702MFKB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC3702MFKB TI1-TLC3702MFKB Datasheet
1Mb / 36P
DUAL MICROPOWER LinCMOS VOLTAGE COMPARATORS
TLC3702MFKB TI1-TLC3702MFKB Datasheet
1Mb / 38P
DUAL MICROPOWER LinCMOS VOLTAGE COMPARATORS
TLC3702MFKB TI2-TLC3702MFKB Datasheet
1Mb / 40P
DUAL MICROPOWER LinCMOS™ VOLTAGE COMPARATORS
REVISED MARCH 2012
TLC3702MFKB.A TI2-TLC3702MFKB.A Datasheet
1Mb / 40P
DUAL MICROPOWER LinCMOS™ VOLTAGE COMPARATORS
REVISED MARCH 2012
More results

Similar Description - TLC3702MFKB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC3704-Q1 TI-TLC3704-Q1 Datasheet
383Kb / 23P
QUAD MICROPOWER LINCMOS VOLTAGE COMPARATORS
TLC3702-Q1 TI1-TLC3702-Q1 Datasheet
1Mb / 28P
DUAL MICROPOWER LinCMOS??VOLTAGE COMPARATORS
TLC3702-EP TI1-TLC3702-EP Datasheet
964Kb / 30P
DUAL MICROPOWER LinCMOS??VOLTAGE COMPARATOR
TLC3702CDR TI-TLC3702CDR Datasheet
1Mb / 36P
DUAL MICROPOWER LinCMOS??VOLTAGE COMPARATORS
TLC3702MDRG4 TI1-TLC3702MDRG4 Datasheet
1Mb / 36P
DUAL MICROPOWER LinCMOS VOLTAGE COMPARATORS
TLC3704 TI1-TLC3704_14 Datasheet
1Mb / 37P
QUAD MICROPOWER LinCMOS. VOLTAGE COMPARATORS
TLC3702 TI1-TLC3702_14 Datasheet
1Mb / 37P
DUAL MICROPOWER LinCMOS??VOLTAGE COMPARATORS
TLC3704-Q1 TI1-TLC3704-Q1_14 Datasheet
395Kb / 26P
QUAD MICROPOWER LinCMOS VOLTAGE COMPARATORS
TLC3702 TI1-TLC3702_16 Datasheet
1Mb / 38P
DUAL MICROPOWER LinCMOS VOLTAGE COMPARATORS
TLC3704 TI1-TLC3704_16 Datasheet
1Mb / 37P
QUAD MICROPOWER LinCMOS VOLTAGE COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com