Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUF04701AIPWRG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # BUF04701AIPWRG4
Description  4-Channel, Rail-to-Rail, CMOS BUFFER AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BUF04701AIPWRG4 Datasheet(HTML) 4 Page - Texas Instruments

  BUF04701AIPWRG4 Datasheet HTML 1Page - Texas Instruments BUF04701AIPWRG4 Datasheet HTML 2Page - Texas Instruments BUF04701AIPWRG4 Datasheet HTML 3Page - Texas Instruments BUF04701AIPWRG4 Datasheet HTML 4Page - Texas Instruments BUF04701AIPWRG4 Datasheet HTML 5Page - Texas Instruments BUF04701AIPWRG4 Datasheet HTML 6Page - Texas Instruments BUF04701AIPWRG4 Datasheet HTML 7Page - Texas Instruments BUF04701AIPWRG4 Datasheet HTML 8Page - Texas Instruments BUF04701AIPWRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
BUF04701
4
SBOS214B
www.ti.com
TYPICAL CHARACTERISTICS
At TA = +25°C, VS = ±6V, and RL = 10kΩ, unless otherwise noted.
V–
V+
120
100
80
60
40
20
0
10
100
1k
10k
100k
1M
PSRR vs FREQUENCY
Frequency (Hz)
V
S = ± 6V
MAXIMUM AMPLITUDE vs FREQUENCY
7
6
5
4
3
2
1
0
10
100
1k
10k
100k
1M
10M
Frequency (Hz)
140
120
100
80
60
40
20
0
CHANNEL SEPARATION vs FREQUENCY
10
100
1k
10k
100k
1M
10M
Frequency (Hz)
INPUT CURRENT AND VOLTAGE SPECTRAL
NOISE vs FREQUENCY
10k
1k
100
10
1
0.1
10k
1k
100
10
1
0.1
Frequency (Hz)
0.1
1
10
100
1k
10k
100k
1M
20
10
0
–10
–20
10k
100k
1M
10M
100M
GAIN vs FREQUENCY
Frequency (Hz)
C
L
R
L
C
L = 10pF
R
L = 100Ω
R
L = 10kΩ
R
L = 1kΩ
R
L = 500Ω
R
L = 350Ω
R
L = 200Ω
20
10
0
–10
–20
10k
100k
1M
10M
100M
GAIN vs FREQUENCY
Frequency (Hz)
C
L = 1000pF
C
L = 500pF
C
L = 100pF
C
L = 10pF
C
L
R
L
R
L = 200Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com