Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HU968 Datasheet(PDF) 2 Page - DFI Inc

Part # HU968
Description  4th Gen Intel Core COM Express Compact
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

HU968 Datasheet(HTML) 2 Page - DFI Inc

  HU968 Datasheet HTML 1Page - DFI Inc HU968 Datasheet HTML 2Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PROCESSOR
• 4th generation Intel® CoreTM processors
• BGA 1168 packaging technology
• 22nm process technology
Please refer to the Ordering Information below
SYSTEM MEMORY
• 2GB/4GB/8GB DDR3L memory down
• Supports DDR3L 1600MHz
• Supports dual channel memory interface
ONBOARD GRAPHICS FEATURES
• Intel® HD Graphics GT Series
• Supports VGA, LVDS and DDI interfaces
• VGA: Chrontel CH7517, resolution up to 1920x1200 @ 60Hz
• LVDS: NXP PTN3460, 24-bit, dual channel, resolution up to 1920x1200 @ 60Hz
• Digital Display Interface: HDMI, DVI and DP
• HDMI, DVI: resolution up to 4096x2304 @ 24Hz
• DP: resolution up to 3200x2000 @ 60Hz
• Intel® Clear Video Technology
• Intel® Advanced Vector Extensions 2.0 (Intel® AVX 2.0) Instructions
• Supports DirectX 11.1, OpenGL 4.0, OpenCL 1.2
ONBOARD AUDIO FEATURES
• Supports High Definition Audio interface
ONBOARD LAN FEATURES
• Intel® I218LM with iAMT9.5 Gigabit Ethernet Phy
• Integrated 10/100/1000 transceiver
• Fully compliant with IEEE 802.3, IEEE 802.3u, IEEE 802.3ab
SERIAL ATA (SATA) INTERFACE
• Supports 3 SATA 3.0 with data transfer rate up to 6Gb/s
- One shares with PCIe Lane 6
• Integrated Advanced Host Controller Interface (AHCI) controller
• Supports RAID 0/1/5
• Supports Intel® Smart Response Technology
SSD*
• 2GB/4GB/8GB/16GB/32GB/64GB
• Write: 30MB/sec (max), Read: 70MB/sec (max)
• SATA to SSD onboard
EXPANSION INTERFACES
• Supports 2 USB 3.0 interfaces
• Supports 8 USB 2.0 interfaces
• Supports 1 PCIe x4; or 2 PCIe x2; or 4 PCIe x1 interfaces
• Supports 1 PCIe x2; or 1 PCIe x1 interface
• Supports 1 PCIe x1 interface (PCIe Lane 6 shares with 1 SATA 3.0 port)
• Supports LPC interface
• Supports SMBus interface
• Supports I2C interface
• Supports 2 serial interfaces (TX/RX)
• Supports 4-bit input and 4-bit output GPIO
TRUSTED PLATFORM MODULE (TPM)*
• Provides a Trusted PC for secure transactions
• Provides software license protection, enforcement and password protection
DAMAGE FREE INTELLIGENCE
• Monitors CPU temperature and overheat alarm
• Monitors CPU fan speed and failure alarm
• Monitors Vcore/1.05V/DDR voltages and failure alarm
• Watchdog timer function
BIOS
• AMI BIOS
- 64Mbit SPI BIOS
WATCHDOG TIMER
• Software programmable from 1 to 255 seconds
POWER
• Input: 12V, VCC_RTC, 5VSB*
POWER CONSUMPTION
• TBD
OS SUPPORT
• Windows 7 Ultimate x86 & SP1 (32-bit)
• Windows 7 Ultimate x64 & SP1 (64-bit)
• Windows 8 Enterprise x86 (32-bit)
• Windows 8 Enterprise x64 (64-bit)
• Windows 8.1 Enterprise x86 (32-bit)
• Windows 8.1 Enterprise x64 (64-bit)
TEMPERATURE
• Operating: 0oC to 60oC
• Storage: -20oC to 85oC
HUMIDITY
• 5% to 90%
MTBF
• 680,852 hrs @ 25°C; 381,340 hrs @ 45°C
• Calculation model: Telcordia Issue 2, Method I Case 3
• Environment: GB, GC – Ground Benign, Controlled
PCB
• Dimensions
- COM Express® Compact
- 95mm (3.74") x 95mm (3.74")
• Compliance
- PICMG COM Express® R2.1, Type 6
4th Gen Intel® CoreTM
COM Express® Compact
Specifications
HU968
Packing List
Optional Items
Ordering Information
* Optional and is not supported in standard model. Please contact your sales representative for more information.
www.dfi.com DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your sales
representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © December 20, 2019 DFI Inc.
Model Name
Temperature
Memory
SSD
Processors
HU968
-
B
2
0
-
4650U
B: 0oC to 60oC
2: 2GB
4: 4GB
8: 8GB
0: None
2: 2GB
4: 4GB
8: 8GB
1: 16GB
3: 32GB
6: 64GB
4650U: Intel® CoreTM i7-4650U, 4M Cache, up to 3.3 GHz, 15W
4300U: Intel® CoreTM i5-4300U, 3M Cache, up to 2.9 GHz, 15W
4010U: Intel® CoreTM i3-4010U, 3M Cache, 1.7 GHz, 15W
2980U: Intel® Celeron® 2980U, 2M Cache, 1.6 GHz, 15W
• 1 HU968 board
• Heat spreader with heat sink and fan: 761-HU9681-000G
• COM331-B carrier board kit: 770-COM331-000G
• Heat sink with fan: A71-111023-000G
Model Name
Processor
Memory Down
SSD
Power
Thermal
Temperature
HU968-B24-4650U Intel® CoreTM i7-4650U, 4M Cache, 1.7GHz (3.3GHz), 15W 2GB DDR3L
4GB
ATX/AT
Fan
0oC to 60oC
HU968-B20-4300U Intel® CoreTM i5-4300U, 3M Cache, 1.9GHz (2.9GHz), 15W 2GB DDR3L
None
ATX/AT
Fan
0oC to 60oC
HU968-B20-4010U
Intel® CoreTM i3-4010U, 3M Cache, 1.7GHz, 15W
2GB DDR3L
None
ATX/AT
Fan
0oC to 60oC
HU968-B20-2980U
Intel® Celeron® 2980U, 2M Cache, 1.6GHz, 15W
2GB DDR3L
None
ATX/AT
Fan
0oC to 60oC
HU968-B24-2980U Intel® Celeron® 2980U, 2M Cache, 1.6GHz, 15W
2GB DDR3L
4GB
ATX/AT
Fan
0oC to 60oC
HU968-B40-4650U Intel® CoreTM i7-4650U, 4M Cache, 1.7GHz (3.3GHz), 15W 4GB DDR3L
None
ATX/AT
Fan
0oC to 60oC
HU968-B40-4300U
Intel® CoreTM i5-4300U, 3M Cache, 1.9GHz (2.9GHz), 15W 4GB DDR3L
None
ATX/AT
Fan
0oC to 60oC
HU968-B40-4010U
Intel® CoreTM i3-4010U, 3M Cache, 1.7GHz, 15W
4GB DDR3L
None
ATX/AT
Fan
0oC to 60oC
HU968-B40-2980U
Intel® Celeron® 2980U, 2M Cache, 1.6GHz, 15W
4GB DDR3L
None
ATX/AT
Fan
0oC to 60oC
The following specifications will be available upon request. Please contact your sales representative for more information.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com