Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMS152 Datasheet(PDF) 39 Page - PADAUK Technology.

Part # PMS152
Description  8bit OTP Type SuLED IO Controller
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PMS152 Datasheet(HTML) 39 Page - PADAUK Technology.

Back Button PMS152 Datasheet HTML 35Page - PADAUK Technology. PMS152 Datasheet HTML 36Page - PADAUK Technology. PMS152 Datasheet HTML 37Page - PADAUK Technology. PMS152 Datasheet HTML 38Page - PADAUK Technology. PMS152 Datasheet HTML 39Page - PADAUK Technology. PMS152 Datasheet HTML 40Page - PADAUK Technology. PMS152 Datasheet HTML 41Page - PADAUK Technology. PMS152 Datasheet HTML 42Page - PADAUK Technology. PMS152 Datasheet HTML 43Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 91 page
background image
PMS152
8bit OTP Type SuLED IO Controller
©Copyright 2020, PADAUK Technology Co. Ltd
Page 39 of 91
PDK-DS-PMS152-EN_V105 –Jun. 9, 2020
5.5.3
Using the comparator and band-gap 1.20V
The internal band-gap module can provide 1.20 volt, it can measure the external supply voltage level. The
band-gap 1.20 volt is selected as minus input of comparator and Vinternal R is selected as plus input, the
supply voltage of Vinternal R is VDD, the VDD voltage level can be detected by adjusting the voltage level of
Vinternal R to compare with band-gap. If N (gpcs[3:0] in decimal) is the number to let Vinternal R closest to
band-gap 1.20 volt, the supply voltage VDD can be calculated by using the following equations:
For using Case 1: VDD = [ 32 / (N+9) ] * 1.20 volt ;
For using Case 2: VDD = [ 24 / (N+1) ] * 1.20 volt ;
For using Case 3: VDD = [ 40 / (N+9) ] * 1.20 volt ;
For using Case 4: VDD= [ 32 / (N+1) ] * 1.20 volt ;
Case 1:
$ GPCS VDD*12/40;
//
4.0V * 12/40 = 1.2V
$ GPCC Enable, BANDGAP, P_R;
//
- input: BANDGAP, + input: P_R(
Vinternal R)
….
if
(GPC
_Out)
// or GPCC.6
{
//
when VDD﹥4V
}
else
{
//
when VDD﹤4V
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com