Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT91SAM9261 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT91SAM9261
Description  ARM926EJ-S BASED MICROCONTROLLER
PDF  688 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM9261 Datasheet(HTML) 3 Page - ATMEL Corporation

  AT91SAM9261 Datasheet HTML 1Page - ATMEL Corporation AT91SAM9261 Datasheet HTML 2Page - ATMEL Corporation AT91SAM9261 Datasheet HTML 3Page - ATMEL Corporation AT91SAM9261 Datasheet HTML 4Page - ATMEL Corporation AT91SAM9261 Datasheet HTML 5Page - ATMEL Corporation AT91SAM9261 Datasheet HTML 6Page - ATMEL Corporation AT91SAM9261 Datasheet HTML 7Page - ATMEL Corporation AT91SAM9261 Datasheet HTML 8Page - ATMEL Corporation AT91SAM9261 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 688 page
background image
3
6062F–ATARM–05-Dec-06
AT91SAM9261 Preliminary
1.
Description
The AT91SAM9261 is a complete system-on-chip built around the ARM926EJ-S ARM
Thumb processor with an extended DSP instruction set and Jazelle Java accelerator. It
achieves 210 MIPS at 190 MHz.
The AT91SAM9261 is an optimized host processor for applications with an LCD display.
Its integrated LCD controller supports BW and up to 16M color, active and passive LCD
displays. The 160 Kbyte integrated SRAM can be configured as a frame buffer minimiz-
ing the impact for LCD refresh on the overall processor performance. The External Bus
Interface incorporates controllers for synchronous DRAM (SDRAM) and Static memo-
ries and features specific interface circuitry for CompactFlash and NAND Flash.
The AT91SAM9261 integrates a ROM-based Boot Loader supporting code shadowing
from, for example, external DataFlash® into external SDRAM. The software controlled
Power Management Controller (PMC) keeps system power consumption to a minimum
by selectively enabling/disabling the processor and various peripherals and adjustment
of the operating frequency.
The AT91SAM9261 also benefits from the integration of a wide range of debug features
including JTAG-ICE, a dedicated UART debug channel (DBGU) and an embedded real
time trace. This enables the development and debug of all applications, especially those
with real-time constraints.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com