Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC68 Datasheet(PDF) 2 Page - Quectel Wireless Solutions Co., Ltd.

Part # BC68
Description  Compact LTE Cat NB1 Module with Ultra-low Power Consumption
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUECTEL [Quectel Wireless Solutions Co., Ltd.]
Direct Link  https://www.quectel.com/
Logo QUECTEL - Quectel Wireless Solutions Co., Ltd.

BC68 Datasheet(HTML) 2 Page - Quectel Wireless Solutions Co., Ltd.

  BC68 Datasheet HTML 1Page - Quectel Wireless Solutions Co., Ltd. BC68 Datasheet HTML 2Page - Quectel Wireless Solutions Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Compact LTE Cat NB1 Module
with Ultra-low Power Consumption
Copyright © 2020 Quectel Wireless Solutions Co., Ltd.
All Rights Reserved http://www.quectel.com
HQ address: Building 5, Shanghai Business Park Phase III (Area B), No.1016 Tianlin Road, Minhang District, Shanghai, China 200233
Tel: +86 21 51086236
Email: info@quectel.com
Quectel BC66
Frequency Bands
B1/B2/B3/B4/B5/B8/B12/B13/B17/B18/B19/B20/
B25/B26*/B28/B66
Data Rate
Single-Tone:
Max. 25.5 kbps (DL)/16.7 kbps (UL)
Multi-Tone:
Max. 25.5 kbps (DL)/62.5 kbps (UL)
SMS*
Text/PDU Mode
Electrical Characteristics
Output Power:
23 dBm ±2 dB
Sensitivity:
-129 dBm
Power Consumption (Typ.):
3.5 μA @ PSM
0.24 mA @ Idle Mode (eDRX = 81.92 s)
0.35 mA @ Idle Mode (DRX = 2.56 s)
110 mA @ LTE Cat NB1, 23 dBm, Single-tone
Interfaces
USB × 1
USIM × 1
PSM_EINT × 1
UART × 3
ADC × 1
RESET × 1
PWRKEY × 1
NETLIGHT × 1
Antenna × 1
SPI × 1 (QuecOpen® Version Only)
I2C × 1 (QuecOpen® Version Only)
I2S × 1 (QuecOpen® Version Only)
GPIO: Configurable (QuecOpen® Version Only)
Software Features
Protocol Stacks:
UDP/TCP/LwM2M/MQTT/SNTP/TLS/DTLS/PPP*/
HTTP*/HTTPS*/CoAP*
Firmware Download Methods:
UART
DFOTA
USB
General Features
58-Pin LCC Package
Supply Voltage Range:
2.1–3.63 V, 3.3 V Typ.
(GPIO Voltage Domain: 1.8 V)
Temperature Range:
Operation Temperature Range: -35 °C to +75 °C
Extended Temperature Range: -40 °C to +85 °C
Dimensions:
17.7 mm × 15.8 mm × 2.0 mm
Weight: 1.2 ±0.2 g
AT Commands:
3GPP Rel.13 Compliant AT Commands
Quectel Enhanced AT Commands
Approvals
Carrier:
Vodafone/Deutsche Telekom/TIM/Telefónica/
Altice-MEO (Europe)
AT&T/T-Mobile/Verizon*/
Sprint* (America)
LGU+* (South Korea)
SoftBank (Japan)
Telstra (Australia)
Regulatory:
GCF (Global)
CE (Europe)
PTCRB (North America)
FCC (America)
IC (Canada)
KC (South Korea)
NCC (Taiwan, China)
JATE/TELEC (Japan)
RCM (Australia/New Zealand)
NBTC (Thailand)
IMDA (Singapore)
Others:
RoHS
ATEX (Europe)
* Under Development



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com