Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NVMFS024N06C Datasheet(PDF) 1 Page - ON Semiconductor

Part # NVMFS024N06C
Description  MOSFET - Power, Single N-Channel, SO-8 FL 60 V, 22 m, 25 A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVMFS024N06C Datasheet(HTML) 1 Page - ON Semiconductor

  NVMFS024N06C Datasheet HTML 1Page - ON Semiconductor NVMFS024N06C Datasheet HTML 2Page - ON Semiconductor NVMFS024N06C Datasheet HTML 3Page - ON Semiconductor NVMFS024N06C Datasheet HTML 4Page - ON Semiconductor NVMFS024N06C Datasheet HTML 5Page - ON Semiconductor NVMFS024N06C Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2019
December, 2019 − Rev. 1
1
Publication Order Number:
NVMFS024N06C/D
MOSFET - Power, Single
N-Channel, SO-8 FL
60 V, 22 mW, 25 A
NVMFS024N06C
Features
• Small Footprint (5x6 mm) for Compact Design
• Low RDS(on) to Minimize Conduction Losses
• Low QG and Capacitance to Minimize Driver Losses
• NVMFWS024N06C − Wettable Flank Option for Enhanced Optical
Inspection
• AEC−Q101 Qualified and PPAP Capable
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Applications
• Power Tools, Battery Operated Vacuums
• UAV/Drones, Material Handling
• BMS/Storage, Home Automation
MAXIMUM RATINGS (TJ = 25°C unless otherwise stated)
Parameter
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
60
V
Gate−to−Source Voltage
VGS
±20
V
Continuous Drain
Current RqJC
(Notes 1, 3)
Steady
State
TC = 25°C
ID
25
A
TC = 100°C
17
Power Dissipation
RqJC (Note 1)
Steady
State
TC = 25°C
PD
28
W
TC = 100°C
14
Continuous Drain
Current RqJA
(Notes 1, 2, 3)
Steady
State
TA = 25°C
ID
8
A
TA = 100°C
6
Power Dissipation
RqJA (Notes 1, 2)
Steady
State
TA = 25°C
PD
3.4
W
TA = 100°C
1.7
Pulsed Drain Current
TA = 25°C, tp = 10 ms
IDM
158
A
Operating Junction and Storage Temperature
Range
TJ, TSTG
−55 to
+175
°C
Source Current (Body Diode)
IS
23
A
Single Pulse Drain−to−Source Avalanche
Energy (IL = 5.3 Apk)
EAS
14
mJ
Lead Temperature for Soldering Purposes
(1/8″ from case for 10 s)
TL
260
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
1. The entire application environment impacts the thermal resistance values shown,
they are not constants and are only valid for the particular conditions noted.
2. Surface−mounted on FR4 board using a 650 mm2, 2 oz. Cu pad.
3. Maximum current for pulses as long as 1 second is higher but is dependent
on pulse duration and duty cycle.
THERMAL RESISTANCE MAXIMUM RATINGS
Parameter
Symbol
Value
Unit
Junction−to−Case – Steady State (Note 1)
RqJC
5.3
°C/W
Junction−to−Ambient – Steady State (Note 1)
RqJA
43.4
MARKING
DIAGRAM
www.onsemi.com
V(BR)DSS
RDS(ON) MAX
ID MAX
60 V
22 mW @ 10 V
25 A
N−CHANNEL MOSFET
G (4)
S (1,2,3)
D (5−8)
SO−8 FLAT LEAD
CASE 488AA
STYLE 1
XXXXXX
AYWZZ
1
S
S
S
G
D
D
D
D
XXXXXX = 24N06C
XXXXXX = (NVMFS024N06C) or
XXXXXX = 24N06W
XXXXXX = (NVMFWS024N06C)
A
= Assembly Location
Y
= Year
W
= Work Week
ZZ
= Lot Traceability
See detailed ordering, marking and shipping information in the
package dimensions section on page 5 of this data sheet.
ORDERING INFORMATION


Similar Part No. - NVMFS024N06C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMFS020N06C ONSEMI-NVMFS020N06C Datasheet
187Kb / 7P
MOSFET- Power, Single N-Channel, SO-8FL 60 V, 19.6 m, 28 A
January, 2020-Rev. 0
NVMFS020N06CT1G ONSEMI-NVMFS020N06CT1G Datasheet
187Kb / 7P
MOSFET- Power, Single N-Channel, SO-8FL 60 V, 19.6 m, 28 A
January, 2020-Rev. 0
NVMFS021N10MCL ONSEMI-NVMFS021N10MCL Datasheet
325Kb / 8P
MOSFET ??Power, Single N-Channel 100 V, 23 m, 31 A
December, 2021-Rev. 0
NVMFS021N10MCLT1G ONSEMI-NVMFS021N10MCLT1G Datasheet
325Kb / 8P
MOSFET ??Power, Single N-Channel 100 V, 23 m, 31 A
December, 2021-Rev. 0
NVMFS025P04M8L ONSEMI-NVMFS025P04M8L Datasheet
199Kb / 7P
MOSFET - Power, Single P-Channel -40 V, 23 m, -34.6 A
March, 2021-Rev. 1
More results

Similar Description - NVMFS024N06C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS4833N ONSEMI-NTMFS4833N Datasheet
75Kb / 7P
Power MOSFET 30 V, 191 A, Single N-Channel, SO-8 FL
November, 2006 ??Rev. 2
NTMFS4744N ONSEMI-NTMFS4744N Datasheet
93Kb / 7P
Power MOSFET 30 V, 53 A, Single N-Channel, SO-8 FL
July, 2007 - Rev. 4
NTMFS4821N ONSEMI-NTMFS4821N_12 Datasheet
146Kb / 7P
Power MOSFET 30V 58.5A Single N-channel, SO-8 FL
May, 2012 ??Rev. 4
NTMFS0D8N02P1E ONSEMI-NTMFS0D8N02P1E Datasheet
147Kb / 7P
MOSFET - Power, Single N-Channel, SO8-FL 25 V, 0.68 m, 365 A
March, 2020 ??Rev. 0
NTMFS4C302N ONSEMI-NTMFS4C302N Datasheet
184Kb / 7P
MOSFET ??Single, N-Channel, Logic Level, SO-8 FL 30 V, 1.15 m, 230 A
February, 2021-Rev. 3
NVLJWS022N06CL ONSEMI-NVLJWS022N06CL Datasheet
160Kb / 7P
MOSFET - Power, Single N-Channel 60 V, 21 m, 25 A
April, 2022 ??Rev. 1
NVMFS4C306N ONSEMI-NVMFS4C306N Datasheet
201Kb / 8P
MOSFET - Power, Single N-Channel, SO-8 FL 30 V, 3.4 m, 71 A
October, 2020-Rev. 0
NVMFS016N06C ONSEMI-NVMFS016N06C Datasheet
189Kb / 7P
MOSFET- Power, Single N-Channel, SO-8FL 60 V, 15.6 m, 33 A
January, 2020?뭃ev. 0
NTMFS4922NE ONSEMI-NTMFS4922NE Datasheet
165Kb / 8P
Power MOSFET 30 V, 147 A, Single N−Channel, SO−8 FL
May, 2012 - Rev. 1
NTMFS4C13N ONSEMI-NTMFS4C13N Datasheet
181Kb / 8P
MOSFET – Power, Single, N-Channel, SO-8 FL 30 V, 38 A
May, 2019 - Rev. 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com