Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STL80NF3LL Datasheet(PDF) 1 Page - STMicroelectronics

Part # STL80NF3LL
Description  N-CHANNEL 30V - 0.0045ohm - 80A PowerFLAT(6X5) STripFET II MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL80NF3LL Datasheet(HTML) 1 Page - STMicroelectronics

  STL80NF3LL Datasheet HTML 1Page - STMicroelectronics STL80NF3LL Datasheet HTML 2Page - STMicroelectronics STL80NF3LL Datasheet HTML 3Page - STMicroelectronics STL80NF3LL Datasheet HTML 4Page - STMicroelectronics STL80NF3LL Datasheet HTML 5Page - STMicroelectronics STL80NF3LL Datasheet HTML 6Page - STMicroelectronics STL80NF3LL Datasheet HTML 7Page - STMicroelectronics STL80NF3LL Datasheet HTML 8Page - STMicroelectronics STL80NF3LL Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
PRODUCT PREVIEW
June 2005
This is a preliminary information on a new product now in development. Details are subjet to change without notice
STL80NF3LL
N-CHANNEL 30V - 0.0045
Ω - 80A PowerFLAT™ ( 6X5 )
STripFET™ II MOSFET
Table 1: General Features
■
TYPICAL RDS(on) = 0.0045
Ω @ 10V
■
IMPROVED DIE-TO-FOOTPRINT RATIO
■
VERY LOW PROFILE PACKAGE (1mm MAX)
■
VERY LOW THERMAL RESISTANCE
■
CONDUCTION LOSSES REDUCED
■
SWITCHING LOSSES REDUCED
DESCRIPTION
The STL80NF3LL utilizes the second generation
of STMicroelectronics unique “Single Feature
Size
™” strip-based process. The resulting tran-
sistor shows the best trade-off between on-resis-
tance and gate charge. Such features make it the
best choice in high efficiency DC-DC converters
for Telecom and Computer industries. The Chip-
scaled PowerFLAT™ package allows a significant
board space saving, still boosting the perfor-
mance.
APPLICATIONS
■
HIGH-EFFICIENCY DC-DC CONVERTERS
■
SYNCHRONOUS RECTIFICATION
Table 2: Order Codes
Figure 1: Package
Figure 2: Internal Schematic Diagram
TYPE
VDSS
RDS(on)
ID
STL80NF3LL
30 V
< 0.0055
Ω
20 A (2)
PowerFLAT™( 6x5 )
TOP VIEW
Part Number
Marking
Package
Packaging
STL80NF3LL
L80NF3LL
PowerFLAT™ (6x5)
TAPE & REEL
Rev. 3


Similar Part No. - STL80NF3LL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL80N3LLH6 STMICROELECTRONICS-STL80N3LLH6 Datasheet
874Kb / 13P
N-channel 30 V, 0.0046, 21 A PowerFLAT 5x6 STripFET VI DeepGATE Power MOSFET
02-Dec-2011
STL80N4LLF3 STMICROELECTRONICS-STL80N4LLF3 Datasheet
347Kb / 12P
N-channel 40V - 0.0042ohm - 80A - PowerFLAT (6x5) STripFET Power MOSFET for DC-DC conversion
22-Nov-2006
STL80N75F6 STMICROELECTRONICS-STL80N75F6 Datasheet
1Mb / 15P
N-channel 75 V, 4.5 m typ., 18 A STripFET DeepGATE VI Power MOSFET in PowerFLAT 5x6 package
11-Mar-2014
More results

Similar Description - STL80NF3LL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL100NH3LL STMICROELECTRONICS-STL100NH3LL Datasheet
482Kb / 10P
N-CHANNEL 30V - 0.0032ohm - 25A PowerFLAT (6x5) STripFET III MOSFET
10-Oct-2005
STL60NH3LL STMICROELECTRONICS-STL60NH3LL Datasheet
350Kb / 13P
N-channel 30V - 0.0065Ohm - 30A - PowerFLAT TM (6x5) Ultra low gate charge STripFET??Power MOSFET
12-Apr-2006
STL50NH3LL STMICROELECTRONICS-STL50NH3LL Datasheet
332Kb / 12P
N-channel 30V - 0.011 - 13A - PowerFLAT (6x5) Ultra low gate charge STripFET Power MOSFET
30-Mar-2006
STU100N3LF3 STMICROELECTRONICS-STU100N3LF3 Datasheet
434Kb / 15P
N-channel 30V - 0.0045OHM - 80A - DPAK - IPAK Planar STripFET TM II Power MOSFET
07-Feb-2006
STL100NH3LL STMICROELECTRONICS-STL100NH3LL_07 Datasheet
394Kb / 12P
N-channel 30V - 0.0032ohm - 25A - PowerFLAT (6x5) STripFET III Power MOSFET
04-Jan-2007
STL50NH3LL_0609 STMICROELECTRONICS-STL50NH3LL_0609 Datasheet
351Kb / 12P
N-channel 30V - 0.011ohm - 13A - PowerFLAT (6x5) Ultra low gate charge STripFET Power MOSFET
06-Sep-2006
STL60NH3LL_0609 STMICROELECTRONICS-STL60NH3LL_0609 Datasheet
355Kb / 13P
N-channel 30V - 0.0065ohm - 30A - PowerFLAT (6x5) Ultra low gate charge STripFET Power MOSFET
05-Sep-2006
STL80N4LLF3 STMICROELECTRONICS-STL80N4LLF3 Datasheet
347Kb / 12P
N-channel 40V - 0.0042ohm - 80A - PowerFLAT (6x5) STripFET Power MOSFET for DC-DC conversion
22-Nov-2006
STL100NHS3LL STMICROELECTRONICS-STL100NHS3LL Datasheet
235Kb / 9P
N-channel 30V - 0.0032Ω - 22A - PowerFLAT??(6x5) STripFET™Power MOSFET plus monolithic Schottky
03-Sep-2007
STP80NF03L STMICROELECTRONICS-STP80NF03L Datasheet
214Kb / 8P
N-CHANNEL 30V - 0.004 - 80A TO-220 STripFET II MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com