Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMITX-RZ-G Datasheet(PDF) 2 Page - Adlink Technology Inc.

Part # AMITX-RZ-G
Description  Mini-ITX Embedded Board
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADLINK [Adlink Technology Inc.]
Direct Link  https://www.adlinktech.com/en/index
Logo ADLINK - Adlink Technology Inc.

AMITX-RZ-G Datasheet(HTML) 2 Page - Adlink Technology Inc.

  AMITX-RZ-G Datasheet HTML 1Page - Adlink Technology Inc. AMITX-RZ-G Datasheet HTML 2Page - Adlink Technology Inc. AMITX-RZ-G Datasheet HTML 3Page - Adlink Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications
Display
Graphics core
“Vega” GPU with up to 11 Compute Units
DisplayPort
4x outputs with resolution up to 4096 x 2160 @ 60Hz
Ethernet
Controller: 2x Intel® i211AT Ethernet controller
Interface: PCI Express x1 Bus
Wake On LAN: Yes
Power
Standard Input: ATX = 12V ±5%/5Vsb ±5% from internal header
AT = 12V ±5% from internal header
Peripherals output: Onboard headers for fan and SATA power
Mechanical and Environmental
Form Factor: Mini-ITX
Dimensions: 170 mm x 170 mm (L x W)
Operating Temperature
Standard: 0˚C to +60˚C
Certifications
CE, FCC Class A
Relative Humidity
40° C @ 95% RH Non-condensing, Non-operating
Ordering Information
AmITX-RZ-G/V1202B
Mini-ITX gaming MB with AMD Ryzen™ Embedded V1202B
processor
AmITX-RZ-G/V1605B
Mini-ITX gaming MB with AMD Ryzen™ Embedded V1605B
processor
AmITX-RZ-G/V1756B
Mini-ITX gaming MB with AMD Ryzen™ Embedded V1756B
processor
AmITX-RZ-G/V1807B
Mini-ITX gaming MB with AMD Ryzen™ Embedded V1807B
processor
Packing List
30-20872-0000
ATX/AT Power Cable
30-20875-0000
SATA Dual Power Cable
30-10057-0600
SATA Cable
34-25316-1010
Rear I/O Shield
Optional Accessories
30-20876-0000
COM Port Cable, 1 Port, 25cm
30-20874-1000
USB 2.0 Cable, 2 ports, 20cm
32-20809-0000-A0
AMD APU Cooler, H=64.4mm, 54W
32-20583-1010
AMD APU Cooler, H=35mm, 35W



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com